Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7648 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP7648
Description  PackageLow Reference High efficiency Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7648 Datasheet(HTML) 5 Page - Sipex Corporation

  SP7648 Datasheet HTML 1Page - Sipex Corporation SP7648 Datasheet HTML 2Page - Sipex Corporation SP7648 Datasheet HTML 3Page - Sipex Corporation SP7648 Datasheet HTML 4Page - Sipex Corporation SP7648 Datasheet HTML 5Page - Sipex Corporation SP7648 Datasheet HTML 6Page - Sipex Corporation SP7648 Datasheet HTML 7Page - Sipex Corporation SP7648 Datasheet HTML 8Page - Sipex Corporation SP7648 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Mar16-06 Rev B
SP7648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
Detailed Description
The SP7648 is a step-up DC-DC converter
with an input voltage operation range from
2.7V to 4.7V. In addition to the main 0.3
internal NMOSFET switch the SP7648 has
an internal synchronous rectifier, thereby
increasing efficiency and reducing the
space and cost of an external diode. An in-
ternal inductive-damping switch significantly
reduces inductive ringing for low noise-high
efficiency operation. If the supply voltage
drops below 0.61V the SP7648 goes into
under voltage lockout, thus opening both in-
ternal switches. The inductor peak current is
externally programmable to allow for a
range of inductor values.
Circuit Layout
Printed circuit board layout is a critical part
of a power supply design. Poor designs can
resultinexcessiveEMIonthefeedbackpaths
and on the ground planes with applications
involving high switching frequencies and
large peak currents. Excessive EMI can
result in instability or regulation errors. All
power components should be placed on
the PC board as closely as possible with the
traces kept short, direct, and wide (>50mils
or 1.25mm). Extra copper on the PC board
shouldbeintegratedintogroundasapseudo-
ground plane. On a multilayer PC board,
route the star ground using component-
side copper fill, then connect it to the internal
ground plane using vias. For the SP7648
THeORY OF OPeRaTiOn
devices, the inductor and input & output filter
capacitors should be soldered with their
ground pins as close together as possible in
a star-ground configuration. The VOUT pin
must be bypassed directly to ground as
close to the SP7648 devices as possible
(within 0.2in or 5mm). The DC-DC converter
and any digital circuitry should be placed on
the opposite corner of the PC board as far
away from sensitive RF and analog input
stages. Noisy traces, such as from the LX
pin, should be kept away from the voltage-
feedback VFB node and separated from it
using grounded copper to minimize EMI.
See the SP7648EB Evaluation Board
Manual for PC Board Layout design details.
Control Scheme
A minimum off-time, current limited pulse
frequency modulation (PFM) control
schemecombinesthehighoutputpowerand
efficiency of a pulse width modulation
(PWM) device with the ultra low quiescent
current of the traditional PFM. At low to mod-
erate output loads the PFM control provides
higher efficiency than traditional PWM con-
verters are capable of delivering. At these
loads the switching frequency is determined
by a minimum off-time (TOFF, MIN) and a
maximum on-time (TON, MAX) where:
TOFF < KOFF / (VOUT - VBATT)
TON > KON / VBATT
KOFF = 1.0Vµs
KON = 3.5 Vµs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com