Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7712 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA7712
Description  Sound effects DSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7712 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA7712 Datasheet HTML 4Page - NXP Semiconductors SAA7712 Datasheet HTML 5Page - NXP Semiconductors SAA7712 Datasheet HTML 6Page - NXP Semiconductors SAA7712 Datasheet HTML 7Page - NXP Semiconductors SAA7712 Datasheet HTML 8Page - NXP Semiconductors SAA7712 Datasheet HTML 9Page - NXP Semiconductors SAA7712 Datasheet HTML 10Page - NXP Semiconductors SAA7712 Datasheet HTML 11Page - NXP Semiconductors SAA7712 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
1999 Aug 05
8
Philips Semiconductors
Preliminary specification
Sound effects DSP
SAA7712H
DSP_IN2
39
digital input 2 of the DSP-core (F1 of the status register)
IBUFD
DSP_OUT1
40
digital output 1 of the DSP-core (F2 of the status register)
B4CR
DSP_OUT2
41
digital output 2 of the DSP-core (F3 of the status register)
B4CR
VDDD5V3
42
digital supply voltage 3; peripheral cells only (3 or 5 V)
VDD5
VSSD5V3
43
digital ground supply 3; peripheral cells only (3 or 5 V)
VSS5
A0
44
I2C-bus slave subaddress selection input
IBUFD
SCL
45
I2C-bus serial clock input
SCHMITCD
SDA
46
I2C-bus serial data input/output
BD4SCI4
TEST1
47
test pin 1
BD4CR
TEST2
48
test pin 2
BT4CR
VSSD3V1
49
digital ground supply 1 of 3 V core only
VSS3S
VSSD3V2
50
digital ground supply 2 of 3 V core only
VSS3S
VSSD3V3
51
digital ground supply 3 of 3 V core only
VSS3S
VDDD3V1
52
digital supply voltage 1 of 3 V core only
VDD3
VDDD3V2
53
digital supply voltage 2 of 3 V core only
VDD3
VSSD3V4
54
digital ground supply 4 of 3 V core only
VSS3S
VSSD3V5
55
digital ground supply 5 of 3 V core only
VSS3S
VSSD3V6
56
digital ground supply 6 of 3 V core only
VSS3S
DSP_RESET
57
reset (active LOW)
IBUFU
RTCB
58
asynchronous reset test control block (active LOW)
IBUFD
SHTCB
59
shift clock test control block
IBUFD
TSCAN
60
scan control
IBUFD
VSS_OSC
61
ground supply crystal oscillator circuit
VSS3S
OSC_IN
62
crystal oscillator input; crystal oscillator sense for gain control or forced input
in slave mode
OSC
OSC_OUT
63
crystal oscillator output; drive output to 11.2896 MHz crystal
OSC
VDD_OSC
64
3 V supply voltage crystal oscillator circuit
VDD3
n.c.
65
not connected
n.c.
66
not connected
n.c.
67
not connected
n.c.
68
not connected
n.c.
69
not connected
n.c.
70
not connected
n.c.
71
not connected
n.c.
72
not connected
n.c.
73
not connected
n.c.
74
not connected
n.c.
75
not connected
VDACP1
76
not used
VDACN1
77
not used
SYMBOL
PIN
DESCRIPTION
PIN TYPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com