Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7712 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SAA7712
Description  Sound effects DSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7712 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SAA7712 Datasheet HTML 14Page - NXP Semiconductors SAA7712 Datasheet HTML 15Page - NXP Semiconductors SAA7712 Datasheet HTML 16Page - NXP Semiconductors SAA7712 Datasheet HTML 17Page - NXP Semiconductors SAA7712 Datasheet HTML 18Page - NXP Semiconductors SAA7712 Datasheet HTML 19Page - NXP Semiconductors SAA7712 Datasheet HTML 20Page - NXP Semiconductors SAA7712 Datasheet HTML 21Page - NXP Semiconductors SAA7712 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
1999 Aug 05
18
Philips Semiconductors
Preliminary specification
Sound effects DSP
SAA7712H
Fig.8 Configurations of the equalizer sections.
handbook, full pagewidth
MGS213
OUT0
IN0
2 channel
2 channel
1
A
2
3
4
5
OUT1
IN1
B
OUT2
IN2
C
OUT3
IN3
D
8.3.3
OVERFLOW DETECTION
The equalizer has an overflow flag. This flag is fed to
output pin EQOV. If an overflow is detected in one of the
filter sections, the signal is clipped to the maximum
allowed level. The overflow flag is immediately set.
It remains at a HIGH-level during the remaining part of the
current audio sample period and for the whole next sample
period. If no overflow is detected during this next sample
period, the overflow flag goes to a LOW-level at the
beginning of the sample period after that. Otherwise, the
overflow flag remains at a HIGH-level for at least one other
audio sample period.
8.4
Clock circuit and oscillator
8.4.1
GENERAL DESCRIPTION
The chip has a crystal clock oscillator. It can use a crystal
at either fxtal = 16.384 MHz = 512 × 32 kHz or
fxtal = 18.432 MHz = 576 × 32 kHz in fundamental mode.
The block diagram of this Pierce oscillator is shown in
Fig.9. The active element needed to compensate for the
loss resistance of the crystal is the block Gm. This block is
placed between the external pins OSC_IN
and OSC_OUT.
The gain of the oscillator is internally controlled by the
AGC block. A sine wave with a peak-to-peak voltage close
to the oscillator power supply voltage is generated.
The AGC block prevents clipping of the sine wave and
therefore the higher harmonics are as low as possible.
At the same time, the voltage of the sine wave is as high
as possible so reducing the jitter going from sine wave to
clock signal. The sinusoidal output is converted into a
CMOS compatible clock by the comparator.
The second mode of operation shown in Fig.10, is the
slave mode which is driven by a master clock directly.
The signal to pin OSC_IN can be driven to the power
supply voltages VDD_OSC and VSS_OSC.
8.4.2
SUPPLY OF THE CRYSTAL OSCILLATOR
The power supply connections of the oscillator are
separate from the other supply lines. This is to minimize
the feedback from the ground bounce of the chip to the
oscillator circuit. Pin VSS_OSC is used as the ground supply
and pin VDD_OSC as the positive supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com