Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7712 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SAA7712
Description  Sound effects DSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7712 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SAA7712 Datasheet HTML 17Page - NXP Semiconductors SAA7712 Datasheet HTML 18Page - NXP Semiconductors SAA7712 Datasheet HTML 19Page - NXP Semiconductors SAA7712 Datasheet HTML 20Page - NXP Semiconductors SAA7712 Datasheet HTML 21Page - NXP Semiconductors SAA7712 Datasheet HTML 22Page - NXP Semiconductors SAA7712 Datasheet HTML 23Page - NXP Semiconductors SAA7712 Datasheet HTML 24Page - NXP Semiconductors SAA7712 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
1999 Aug 05
21
Philips Semiconductors
Preliminary specification
Sound effects DSP
SAA7712H
8.6
I2C-bus control
8.6.1
INTRODUCTION
A general description of the I2C-bus format can be
obtained from Philips Semiconductors, International
Marketing and Sales Communications (IMSC).
For the external control of the SAA7712H a fast I2C-bus
is implemented. This is a 400 kHz bus which is downward
compatible with the standard 100 kHz bus.
There are different types of control instructions:
• Instructions to control the DSP program, program the
coefficient RAM and read the values of parameters
• Instructions to control the equalizer, program the
equalizer coefficient RAM to be able to change the
centre frequency, gain and Q-factor of the equalizer
sections
• Instructions to control the source selection and
programmable parts, e.g. PLL clock speed.
The detailed description of the I2C-bus and commands is
given in the following sections. The description of the
different bits in the memory map is given in Section 9.6.
The equalizer cannot be used and cannot be
programmed if there is no word select and bit clock signal
present on a selected digital source input; see
audio_source bit in Table 3 (I2S_IN1 and I2S_IN2).
The minimum limit of the audio sample frequency is
determined by 1
⁄18fSCL.
8.6.2
CHARACTERISTICS OF THE I2C-BUS
The I2C-bus is for 2-way, 2-line communication between
different ICs or modules. The two lines are a serial data
line (SDA) and a serial clock line (SCL). Both lines must
be connected to VDD via a pull-up resistor when
connected to the output stages of a microcontroller. For a
400 kHz I2C-bus the recommendation from Philips
Semiconductors must be followed (e.g. up to loads of
200 pF on the bus a pull-up resistor can be used, between
200 to 400 pF a current source or switched resistor must
be used). Data transfer can only be initiated when the bus
is not busy.
8.6.3
BIT TRANSFER
One data bit is transferred during each clock pulse.
The data on the SDA line must remain stable during the
HIGH period of the clock pulse as changes in the data line
at this time will be interpreted as control signals
(see Fig.11). The maximum clock frequency is 400 kHz.
To be able to run on this high frequency all the inputs and
outputs connected to this bus must be designed for this
high speed I2C-bus according to the Philips specification.
Fig.11 Bit transfer on the I2C-bus.
handbook, full pagewidth
MGS216
SDA
SCL
data line
stable;
data valid
change
of data
allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com