Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7712 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAA7712
Description  Sound effects DSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7712 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAA7712 Datasheet HTML 9Page - NXP Semiconductors SAA7712 Datasheet HTML 10Page - NXP Semiconductors SAA7712 Datasheet HTML 11Page - NXP Semiconductors SAA7712 Datasheet HTML 12Page - NXP Semiconductors SAA7712 Datasheet HTML 13Page - NXP Semiconductors SAA7712 Datasheet HTML 14Page - NXP Semiconductors SAA7712 Datasheet HTML 15Page - NXP Semiconductors SAA7712 Datasheet HTML 16Page - NXP Semiconductors SAA7712 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
1999 Aug 05
13
Philips Semiconductors
Preliminary specification
Sound effects DSP
SAA7712H
8.1.5
PERFORMANCE
The signed-magnitude noise-shaped DAC has a dynamic
range in excess of 100 dB. The signal-to-noise ratio of the
audio output at full-scale is determined by the word length
of the converter. The noise at low outputs is fully
determined by the noise performance of the DAC. Since it
is a signed-magnitude type, the noise at digital silence is
also low. As a disadvantage, the total THD is higher than
conventional DACs. The typical total harmonic
distortion-plus-noise to signal ratio as a function of the
output level is shown in Fig.6.
Fig.6
Typical (THD + N)/S curve as a function of
the output level.
handbook, halfpage
−80
−60
−40
0
MGS211
−20
−60
−80
−40
−20
(THD
+ N)/S
(dB)
output level (dB)
8.1.6
POWER-ON MUTE (POM)
To avoid any uncontrolled noise at the audio outputs after
power-on of the IC, the reference current source of the
DAC is switched off. The capacitor on pin POM
determines the time after which this current has a soft
switch-on. So at power-on the current audio signal outputs
are always muted. The loading of the external capacitor is
done in two stages via two different current sources.
The loading starts at a current level that is 9 times lower
than the current loading after the voltage on pin POM has
passed the 1 V level. This results in an almost dB linear
behaviour.
8.1.7
POWER-OFF PLOP SUPPRESSION
Power should still be provided to the analog part of the
DAC, while the digital part is switching off. As a result, the
output voltage will decrease gradually allowing the power
amplifier some extra time to switch-off without audible
plops. If a 5 V power supply is present, the supply voltage
of the analog part of the DAC can be fed from the 5 V
power supply via a 1.8 V zener diode. A capacitor,
connected to the 3.3 V power supply, provides power to
the analog part when the 5 V power supply is switching off
fast.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com