Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP60713 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP60713
Description  10 MHz Precision Op Amps
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP60713 Datasheet(HTML) 2 Page - Microchip Technology

  MCP60713 Datasheet HTML 1Page - Microchip Technology MCP60713 Datasheet HTML 2Page - Microchip Technology MCP60713 Datasheet HTML 3Page - Microchip Technology MCP60713 Datasheet HTML 4Page - Microchip Technology MCP60713 Datasheet HTML 5Page - Microchip Technology MCP60713 Datasheet HTML 6Page - Microchip Technology MCP60713 Datasheet HTML 7Page - Microchip Technology MCP60713 Datasheet HTML 8Page - Microchip Technology MCP60713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
MCP60711/1U/3
DS20006870A-page 2
 2024 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD –VSS ..................................................................................................................................................-0.3V to +6.0V
Current at Input Pins ...............................................................................................................................................±2 mA
Inputs and Outputs................................................................................................................... VSS – 0.5V to VDD +0.5V
Input Difference Voltage (VIN+–VIN-)................................................................................................. (intermittent) ±VDD
................................................................................................(continuous) ±0.5V
Output Short Circuit Current..................................................................................................................................±60 mA
Current at Output and Supply Pins...................................................................................................(continuous) ±30 mA
Storage Temperature...............................................................................................................................-65°C to +150°C
Maximum Junction Temperature ...........................................................................................................................+150°C
ESD Protection (HBM, CDM)
 4kV, 2kV
†Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational listings of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
1.2
Specifications
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = 25°C, VDD = 3.5V, VSS = GND, VCM = 0.1V, VOUT =VDD/2,
VL =VDD/2, RL =5kΩ to VL and CL = 30 pF; see Figure 1-6.
Parameters
Sym.
Min.
Typ.
Max. Units
Conditions
Input Offset Voltage
Input Offset Voltage
VOS
-105
±50
105
µV
VCM =0.1V
-150
±75
150
VCM =VDD –0.5V
Input Offset Voltage Aging
ΔVOS
—
±80
—
Dynamic Burn-in, VCM = 0.1V,
1008 hr, 125°C, VDD =5.5V,
|VIN+ – VIN-| < 60 mV
—
±40
—
Dynamic Burn-in, VCM = 0.1V,
1008 hr, 125°C, VDD =5.5V,
|VIN+ – VIN-| < 60 mV
Input Offset Drift with
Temperature
TC1
—±0.4
—
µV/°C TA = -40°C to +125°C, VCM =0.1V
—±0.45
—
TA = -40°C to +125°C, VCM =VDD –0.5V
Input Offset Quadratic
Temp. Co.
TC2
—±1.5
—
nV/°C2 TA = -40°C to +125°C, VCM =0.1V
—±2.1
—
TA = -40°C to +125°C, VCM =VDD –0.5V
Power Supply Rejection Ratio
PSRR
80
95
—
dB
VDD = 2.2V to 5.5V, VCM =0.1V
76
92
—
VDD = 2.2V to 5.5V, VCM =VDD –0.5V
Input Current and Impedance
Input Bias Current
IB
-20
±0.4
20
pA
VDD = 5.5V, VCM = 2.75V, TA= 25°C
—40
—
VDD = 5.5V, VCM = 2.75V, TA= +85°C
—420
—
VDD = 5.5V, VCM = 2.75V, TA= +125°C
Input Offset Current
IOS
-20
±1
20
VDD = 5.5V, VCM = 2.75V, TA= +25°C
—±10
—
VDD = 5.5V, VCM = 2.75V, TA= +85°C
-400
±180
400
VDD = 5.5V, VCM = 2.75V, TA= +125°C
Common Mode Input
Impedance
ZCM
—1011||6.5
—
Ω||pF
Differential Mode Input
Impedance
ZDM
—1011||2.4
—
Note 1:
VCML, VCMH, VOL and VOH change with temperature; see Figure 2-19 and Figure 2-21.
2:
The POR must be on for the time tPON_TR before SHDN function is enabled; it is disabled when the POR is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com