Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP60713 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP60713
Description  10 MHz Precision Op Amps
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP60713 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP60713 Datasheet HTML 9Page - Microchip Technology MCP60713 Datasheet HTML 10Page - Microchip Technology MCP60713 Datasheet HTML 11Page - Microchip Technology MCP60713 Datasheet HTML 12Page - Microchip Technology MCP60713 Datasheet HTML 13Page - Microchip Technology MCP60713 Datasheet HTML 14Page - Microchip Technology MCP60713 Datasheet HTML 15Page - Microchip Technology MCP60713 Datasheet HTML 16Page - Microchip Technology MCP60713 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS20006870A-page 13
MCP60711/1U/3
2.3
Frequency Response
Note: Unless otherwise indicated, TA =25°C, VDD =3.5V, VSS = GND, VCM =0.1V, VOUT =VDD/2, VL =VDD/2,
RL =5kΩ to VL and CL =30pF.
FIGURE 2-25:
CMRR and PSRR vs.
Frequency.
FIGURE 2-26:
Open-Loop Gain vs.
Frequency, with VDD =2.2V.
FIGURE 2-27:
Open-Loop Gain vs.
Frequency, with VDD =5.5V.
FIGURE 2-28:
Closed-Loop Output
Impedance vs. Frequency.
FIGURE 2-29:
EMIRR vs. Frequency.
FIGURE 2-30:
EMIRR vs. RF Input
Voltage.
0
10
20
30
40
50
60
70
80
90
100
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency (Hz)
Representative Part
V
DD = 5.5V
RTI
PSRR+
PSRR-
CMRR
10k
100k
1M
10M
100M
-360
-330
-300
-270
-240
-210
-180
-150
-120
-90
-60
-40
-30
-20
-10
0
10
20
30
40
50
60
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency (Hz)
10k
100k
1M
10M
100M
Representative Part
V
DD = 2.2V
Phase, V
CM = 0.1V
Phase, V
CM = 1.7V
Gain, V
CM = 0.1V
Gain, V
CM = 1.7V
-360
-330
-300
-270
-240
-210
-180
-150
-120
-90
-60
-40
-30
-20
-10
0
10
20
30
40
50
60
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency (Hz)
10k
100k
1M
10M
100M
Representative Part
V
DD = 5.5V
Phase, V
CM = 0.1V
Phase, V
CM = 5.0V
Gain, V
CM = 0.1V
Gain, V
CM = 5.0V
0.1
1
10
100
1000
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency (Hz)
10k
100k
1M
10M
100M
Representative Part
Gain = 100 V/V
Gain = 10 V/V
Gain = 1 V/V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
Frequency (GHz)
Representative Part
Gain = -1 V/V
V
IN = 0.1 VPK
V
DD = 5.5V
V
DD = 2.2V
0
20
40
60
80
100
120
0.01
0.1
1
RF Input Voltage (V
PK)
Representative Part
Gain = -1 V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com