Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP60713 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP60713
Description  10 MHz Precision Op Amps
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP60713 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP60713 Datasheet HTML 18Page - Microchip Technology MCP60713 Datasheet HTML 19Page - Microchip Technology MCP60713 Datasheet HTML 20Page - Microchip Technology MCP60713 Datasheet HTML 21Page - Microchip Technology MCP60713 Datasheet HTML 22Page - Microchip Technology MCP60713 Datasheet HTML 23Page - Microchip Technology MCP60713 Datasheet HTML 24Page - Microchip Technology MCP60713 Datasheet HTML 25Page - Microchip Technology MCP60713 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
MCP60711/1U/3
DS20006870A-page 22
 2024 Microchip Technology Inc. and its subsidiaries
circuit's noise gain. For noninverting gains, GN and the
Signal Gain are equal. For inverting gains, GN is
1 + |Signal Gain| (e.g., -1 V/V gives GN =+2V/V).
After selecting RISO for your circuit, double-check the
resulting frequency response peaking and step
response overshoot. Modify RISO's value until the
response is reasonable. Bench evaluation of RISO's
effect on a specific design is important.
4.2.5
ESTIMATING THE BANDWIDTH
The three most common op amp circuits are repre-
sented by Figure 4-6: noninverting gain (RPF = open
and VIM grounded), inverting gain (RPF = open and VIP
grounded) and differential (difference) gain.
FIGURE 4-6:
Common Op Amp
Configurations.
The Noise Gain and Small Signal Bandwidth are:
EQUATION 4-9:
The Full Power Bandwidth (FPBW) is the frequency
where a large output sine wave’s maximum slope
equals the Slew Rate (SR):
EQUATION 4-10:
For accurate AC gains, set BW higher than the input
signal’s bandwidth (e.g., a 10 to 1 ratio). For low
harmonic distortion, set FPBW higher than BW (e.g., a
3 to 1 ratio).
4.2.6
GAIN PEAKING
Figure 4-7 shows an op amp circuit that represents
noninverting amplifiers (VM is a DC voltage and VP is
the input) or inverting amplifiers (VP is a DC voltage
and VM is the input). The capacitances CN and CG
represent the total capacitance at the input pins; they
include the op amp’s Common mode input capacitance
(CCM), board parasitic capacitance and any capacitor
placed in parallel.
FIGURE 4-7:
Amplifier with Parasitic
Capacitance.
CG acts in parallel with RG (except for a gain of +1 V/V),
which causes an increase in gain at high frequencies.
CG also reduces the phase margin of the feedback
loop, which becomes less stable. This effect can be
reduced by either reducing CG and/or RF||RG so that:
EQUATION 4-11:
CN and RN form a low-pass filter that affects the signal
at VIP. This filter has a single real pole at 1/(2πRNCN).
Usually, this pole should be faster than the BW:
EQUATION 4-12:
It is also possible to add a capacitor (CF) in parallel with
RF to compensate for the destabilizing effect of CG,
making it possible to use larger values of RF. This will
also reduce the bandwidth at higher gain. The
conditions for stability are shown in Figure 4-13.
It pays to simulate the circuit after making these
changes. Be sure to include all of the significant
capacitances and inductances, including parasitic
ones.
EQUATION 4-13:
4.2.7
POWER UP/DOWN
The “Power Up/Down” section of Table 1-2 specifies
how IQ and VOUT behave when power pin (VDD) turns
the part on and off, using the internal POR circuit.
U1
MCP6071X
VIP
VOUT
RF
RG
RPF
RN
VIM
GN =1+RF/RG
BW ≈ GBWP/GN,GN >2
VOPP = Peak-to-Peak Output Voltage, (VP-P)
FPBW ≈ |SR|/(π VOPP), (Hz)
U1
MCP6071X
VP
VOUT
RF
RG
RN
VM
CG
CN
2BW ≤ 1/(2π(RF||RG)CG)
2BW ≤ 1/(2πRNCN)
Given:
We need:
GN1 =1 + RF/RG
GN2 =1 + CG/CF
fF =1 / (2πRFCF), response pole
fZ =fF (GN1/GN2), response zero
fF ≤ GBWP/(2GN2), GN1 <GN2
fF ≤ GBWP/(4GN1), GN1 >GN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com