Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP60713 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP60713
Description  10 MHz Precision Op Amps
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP60713 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP60713 Datasheet HTML 17Page - Microchip Technology MCP60713 Datasheet HTML 18Page - Microchip Technology MCP60713 Datasheet HTML 19Page - Microchip Technology MCP60713 Datasheet HTML 20Page - Microchip Technology MCP60713 Datasheet HTML 21Page - Microchip Technology MCP60713 Datasheet HTML 22Page - Microchip Technology MCP60713 Datasheet HTML 23Page - Microchip Technology MCP60713 Datasheet HTML 24Page - Microchip Technology MCP60713 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS20006870A-page 21
MCP60711/1U/3
4.2.2
PCB SURFACE LEAKAGE
In applications where maintaining low input currents is
critical, Printed Circuit Board (PCB) leakage currents
must be minimized. These PCB leakage currents are
mainly caused by humidity, dust or other contaminants
on the PCB surfaces.
The following techniques can help to reduce PCB
leakage currents:
• Place critical input traces in inner layers
• Use conformal coating
• Use guard rings where possible (packages with
tightly spaced pins can limit this approach)
4.2.3
LOW OFFSETS
4.2.3.1
Input Offset Voltage Errors
The data sheet parameters that describe DC voltage
errors at the op amp’s input, act as an increase of the
voltage at the noninverting input (see Figure 4-4).
These parameters are: VOS, TC1, TC2, CMRR, PSRR
and AOL (see the DC Electrical Specifications table).
FIGURE 4-4:
Op Amp Feedback Network.
The combined errors are:
EQUATION 4-6:
The error referred to VOUT is:
EQUATION 4-7:
Mechanical stresses on an op amp will change the
input offset voltage. Standard techniques to minimize
stresses on the PCB will minimize this issue.
4.2.3.2
Input Bias Current Errors
The Input Bias Current (IB) and Input Offset Current
(IOS) cause voltage drops across resistors in the circuit,
increasing the voltage errors. These currents are
positive when they go into the op amp, so the circuit in
Figure 4-4 gives:
EQUATION 4-8:
Note that the PCB leakage currents discussed in
Section 4.2.2, PCB Surface Leakage add additional
DC errors to the circuit. These errors depend on where
these currents are injected into the circuit. Standard
circuit analysis techniques will give the output error.
4.2.4
CAPACITIVE LOADS
Driving large capacitive loads can cause stability
problems for op amps. As the load capacitance
increases,
the
feedback
loop’s
phase
margin
decreases and the closed-loop bandwidth is reduced.
This produces gain peaking in the signal’s frequency
response (see Figure 2-43 and Figure 2-44) and
overshoot and ringing in the step response. A unity-
gain buffer (G = +1) is the most sensitive to capacitive
loads, though all gains show the same general
behavior. See Section 2.6, Capacitive Loads for plots
of typical behavior.
When driving large capacitive loads (e.g., CL >30pF
when G = +1), a small series resistor at the output
(RISO in Figure 4-5) improves the feedback loop’s
phase margin (stability) by making the output load
resistive at higher frequencies. The bandwidth will be
generally lower than the bandwidth with no capacitive
load.
FIGURE 4-5:
Compensating a Capacitive
Load (CL) with RISO.
Figure 2-45 gives recommended RISO values for
different capacitive loads and gains. The x-axis is the
normalized load capacitance (CL/GN), where GN is the
U1
MCP6071X
VIP
VOUT
RF
RG
RN
VIM
VOST =VOS +TC1(TA – 25°C) + TC2(TA –25°C)2
+ ΔVCM/CMRR + ΔVOUT/AOL
+ Δ(VDD –VSS)/PSRR
Where:
VOST = total input offset voltage (error)
1/CMRR, 1/AOL and 1/PSRR have units of
µV/V (e.g., ±100 µV/V corresponds to 80 dB)
VOERR =GN VOST
Where:
VOERR = total output offset voltage (error)
GN = the
circuit’s
DC
“Noise
Gain”
=1 + RF/RG,in Figure 4-4
VTIBE =(IB –IOS/2) (RF||RG)–(IB +IOS/2) RN
VTOBE =GN VTIBE
Where:
VTIBE = total input bias current error
VTOBE = total output bias current error
GN is defined in Equation 4-7
U1
MCP6071X
VIN
VOUT
RISO
CL
RF
RG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com