Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4604ASVZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADN4604ASVZ
Description  4.25 Gbps, 16 × 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604ASVZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADN4604ASVZ Datasheet HTML 14Page - Analog Devices ADN4604ASVZ Datasheet HTML 15Page - Analog Devices ADN4604ASVZ Datasheet HTML 16Page - Analog Devices ADN4604ASVZ Datasheet HTML 17Page - Analog Devices ADN4604ASVZ Datasheet HTML 18Page - Analog Devices ADN4604ASVZ Datasheet HTML 19Page - Analog Devices ADN4604ASVZ Datasheet HTML 20Page - Analog Devices ADN4604ASVZ Datasheet HTML 21Page - Analog Devices ADN4604ASVZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
ADN4604
Data Sheet
Rev. A | Page 18 of 40
Table 9. XPT Control Registers
Register Name
Address
Bit
Bit Name
Description
Default
Update
0x80
0
UPDATE
Updates XPT switch core (active high, write only)
N/A
Map Table Select
0x81
0
MAP TABLE SELECT
0: Map 0 is selected
0x00
1: Map 1 is selected
XPT Broadcast
0x82
3:0
BROADCAST[3:0]
All outputs connection assignment, write only
N/A
XPT Map 0 Control 0
0x90
7:4
OUT1[3:0]
Output 1 connection assignment
0xEF
3:0
OUT0[3:0]
Output 0 connection assignment
XPT Map 0 Control 1
0x91
7:4
OUT3[3:0]
Output 3 connection assignment
0xCD
3:0
OUT2[3:0]
Output 2 connection assignment
XPT Map 0 Control 2
0x92
7:4
OUT5[3:0]
Output 5 connection assignment
0xAB
3:0
OUT4[3:0]
Output 4 connection assignment
XPT Map 0 Control 3
0x93
7:4
OUT7[3:0]
Output 7 connection assignment
0x89
3:0
OUT6[3:0]
Output 6 connection assignment
XPT Map 0 Control 4
0x94
7:4
OUT9[3:0]
Output 9 connection assignment
0x67
3:0
OUT8[3:0]
Output 8 connection assignment
XPT Map 0 Control 5
0x95
7:4
OUT11[3:0]
Output 11 connection assignment
0x45
3:0
OUT10[3:0]
Output 10 connection assignment
XPT Map 0 Control 6
0x96
7:4
OUT13[3:0]
Output 13 connection assignment
0x23
3:0
OUT12[3:0]
Output 12 connection assignment
XPT Map 0 Control 7
0x97
7:4
OUT15[3:0]
Output 15 connection assignment
0x01
3:0
OUT14[3:0]
Output 14 connection assignment
XPT Map 1 Control 0
0x98
7:4
OUT1[3:0]
Output 1 connection assignment
0x10
3:0
OUT0[3:0]
Output 0 connection assignment
XPT Map 1 Control 1
0x99
7:4
OUT3[3:0]
Output 3 connection assignment
0x32
3:0
OUT2[3:0]
Output 2 connection assignment
XPT Map 1 Control 2
0x9A
7:4
OUT5[3:0]
Output 5 connection assignment
0x54
3:0
OUT4[3:0]
Output 4 connection assignment
XPT Map 1 Control 3
0x9B
7:4
OUT7[3:0]
Output 7 connection assignment
0x76
3:0
OUT6[3:0]
Output 6 connection assignment
XPT Map 1 Control 4
0x9C
7:4
OUT9[3:0]
Output 9 connection assignment
0x98
3:0
OUT8[3:0]
Output 8 connection assignment
XPT Map 1 Control 5
0x9D
7:4
OUT11[3:0]
Output 11 connection assignment
0xBA
3:0
OUT10[3:0]
Output 10 connection assignment
XPT Map 1 Control 6
0x9E
7:4
OUT13[3:0]
Output 13 connection assignment
0xDC
3:0
OUT12[3:0]
Output 12 connection assignment
XPT Map 1 Control 7
0x9F
7:4
OUT15[3:0]
Output 15 connection assignment
0xFE
3:0
OUT14[3:0]
Output 14 connection assignment
XPT Status 0
0xB0
7:4
OUT1[3:0]
Output 1 connection status, read only
0xEF
3:0
OUT0[3:0]
Output 0 connection status, read only
XPT Status 1
0xB1
7:4
OUT3[3:0]
Output 3 connection status, read only
0xCD
3:0
OUT2[3:0]
Output 2 connection status, read only
XPT Status 2
0xB2
7:4
OUT5[3:0]
Output 5 connection status, read only
0xAB
3:0
OUT4[3:0]
Output 4 connection status, read only
XPT Status 3
0xB3
7:4
OUT7[3:0]
Output 7 connection status, read only
0x89
3:0
OUT6[3:0]
Output 6 connection status, read only
XPT Status 4
0xB4
7:4
OUT9[3:0]
Output 9 connection status, read only
0x67
3:0
OUT8[3:0]
Output 8 connection status, read only
XPT Status 5
0xB5
7:4
OUT11[3:0]
Output 11 connection status, read only
0x45
3:0
OUT10[3:0]
Output 10 connection status, read only
XPT Status 6
0xB6
7:4
OUT13[3:0]
Output 13 connection status, read only
0x23
3:0
OUT12[3:0]
Output 12 connection status, read only
XPT Status 7
0xB7
7:4
OUT15[3:0]
Output 15 connection status, read only
0x01
3:0
OUT14[3:0]
Output 14 connection status, read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com