Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4604ASVZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADN4604ASVZ
Description  4.25 Gbps, 16 × 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604ASVZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADN4604ASVZ Datasheet HTML 18Page - Analog Devices ADN4604ASVZ Datasheet HTML 19Page - Analog Devices ADN4604ASVZ Datasheet HTML 20Page - Analog Devices ADN4604ASVZ Datasheet HTML 21Page - Analog Devices ADN4604ASVZ Datasheet HTML 22Page - Analog Devices ADN4604ASVZ Datasheet HTML 23Page - Analog Devices ADN4604ASVZ Datasheet HTML 24Page - Analog Devices ADN4604ASVZ Datasheet HTML 25Page - Analog Devices ADN4604ASVZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
ADN4604
Data Sheet
Rev. A | Page 22 of 40
Table 15 displays the TX advanced control registers. The TX advanced control registers consist of two bytes (16 bits) for each of the 16
output channels. The mapping of register address to output channel is shown in the first column. The TX advanced control registers
provides ultimate flexibility of per port output level and preemphasis boost. Table 13 lists a variety of possible output levels and
preemphasis boost settings and the corresponding TX Drive 0 and TX Drive 1 codes.
Table 15. TX Advanced Control Registers
Address: Channel
Default
Register Name
Bit
Bit Name
Description
0x30: Output 0,
0x32: Output 1,
0x34: Output 2,
0x36: Output 3,
0x38: Output 4,
0x3A: Output 5,
0x3C: Output 6,
0x3E: Output 7,
0x40: Output 8,
0x42: Output 9,
0x44: Output 10,
0x46: Output 11,
0x48: Output 12,
0x4A: Output 13,
0x4C: Output 14,
0x4E: Output 15
0xFF
TX Drive 0
control
7
DRV EN1
0: Driver 1 disabled
1: Driver 1 enabled
6:4
DRV LV1[2:0]
Driver 1 current = decimal(DRV LV1[2:0]) + 1
3
DRV EN0
0: Driver 0 disabled
1: Driver 0 enabled
2:0
DRV LV0[2:0]
Driver 0 current = decimal(DRV LV0[2:0]) + 1
0x31: Output 0,
0x33: Output 1,
0x35: Output 2,
0x37: Output 3,
0x39: Output 4,
0x3B: Output 5,
0x3D: Output 6,
0x3F: Output 7,
0x41: Output 8,
0x43: Output 9,
0x45: Output 10,
0x47: Output 11,
0x49: Output 12,
0x4B: Output 13,
0x4D: Output 14,
0x4F: Output 15
0x00
TX Drive 1
control
7
DRV END
0: Driver D disabled
1: Driver D enabled
6:4
DRV LVD[2:0]
Driver D current = decimal(DRV LVD[2:0]) + 1
3
DRV EN2
0: Driver 2 disabled
1: Driver 2 enabled
2:0
DRV LV2[2:0]
Driver 2 current = decimal(DRV LV2[2:0]) + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com