Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLT2S-C Datasheet(PDF) 47 Page - PANDUIT CORP.

Part # PLT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLT2S-C Datasheet(HTML) 47 Page - PANDUIT CORP.

Back Button PLT2S-C Datasheet HTML 43Page - PANDUIT CORP. PLT2S-C Datasheet HTML 44Page - PANDUIT CORP. PLT2S-C Datasheet HTML 45Page - PANDUIT CORP. PLT2S-C Datasheet HTML 46Page - PANDUIT CORP. PLT2S-C Datasheet HTML 47Page - PANDUIT CORP. PLT2S-C Datasheet HTML 48Page - PANDUIT CORP. PLT2S-C Datasheet HTML 49Page - PANDUIT CORP. PLT2S-C Datasheet HTML 50Page - PANDUIT CORP. PLT2S-C Datasheet HTML 51Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 192 page
background image
47
Most commonly used parts appear in BOLD.
Part Number
Max.
Combined
Bundle Dia.
D1, D2 & D3
in. (mm)
Length
A
in. (mm)
Width
B
in. (mm)
Thickness
C
in. (mm)
Head
Height
D
in. (mm)
Head
Width
E
in. (mm)
Head
Length
F
in. (mm)
Min. Loop
Tensile
Strength
Lbs.
(N)
Recommended
PANDUIT ®
Installation
Tool Part No.
Packaging*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
EXTRA-HEAVY CROSS SECTION
PL3B5EH-C0‡
5.0
(127)
20.0
(508)
.500
(12.7)
.075
(1.9)
.400
(10.2)
.800
(20.3)
1.8
(45.7)
125
(556)
GS4EH or
PPTEH
—
—
100
1000
Part Number
Max.
Combined
Bundle dia.
D1 & D2
in. (mm)
Length
A
in. (mm)
Width
B
in. (mm)
Thickness
C
in. (mm)
Head
Height
D
in. (mm)
Head
Width
E
in. (mm)
Head
Length
F
in. (mm)
Min. Loop
Tensile
Strength
Lbs. (N)
Recommended
PANDUIT ®
Installation
Tool Part No.
Packaging*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
STANDARD CROSS SECTION
PLB2S-C
1.8
(46)
7.6
(193)
.19
(4.8)
.052
(1.3)
.220
(5.6)
.320
(8.1)
.465
(11.8)
50
(222)
GTS, GS2B.
GTH, GS4H,
PTS, PPTS,
STS2 or STH2
100
1000
1000
10000
PLB3S-C
3.0
(76)
11.8
(300)
.337
(8.6)
100
1000
1000
10000
PLB4S-C
4.1
(104)
14.8
(376)
100
1000
1000
5000
HEAVY CROSS SECTION
PLB4H-TL‡
3.6
(91)
14.7
(373)
.300
(7.6)
.075
(1.9)
.322
(8.2)
.490
(12.4)
1.1
(27.9)
120
(534)
GTH, GS4H,
GS4EH,
or PPTEH
—
—
250
2500
PLB4H-TL0‡
—
—
250
2500
PANDUIT ® Multiple
Loop Cable Ties —
Nylon 6.6
*Order the number of pieces required in multiples of package quantities.
For colors and other materials, see page 50
.
All part numbers shown in standard package quantities unless denoted by ‡.
E
A
B
C
D
D1
D2
D3
F
Specialty Ties
E
D
F
A
B
C
D1 REF.
D2 REF.
Except PLB4H-0
PANDUIT ® Multiple Loop Cable Ties
—
Weather Resistant Nylon 6.6
Applications:
• Underhood hose and harness routing
• Areas where bundles must be secured parallel to each other or
another element
Solution
Looking for a labor saving alternative to cushioned clamps when securing hoses
and wire bundles? PANDUIT ® Multiple Loop Cable Ties are the perfect solution.
Features and Benefits:
• Offers multiple loop capability
• Prevents bundle damage with a wire strap body that spreads the
clamping forces
• Provides high tensile strength to route bundles securely
• Installs easily by hand — use PANDUIT ® tooling for repeatable tension
and cut-off
• Reduces part number inventory with a single product to cover multiple
bundle sizes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com