Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLT2S-C Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # PLT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLT2S-C Datasheet(HTML) 2 Page - PANDUIT CORP.

  PLT2S-C Datasheet HTML 1Page - PANDUIT CORP. PLT2S-C Datasheet HTML 2Page - PANDUIT CORP. PLT2S-C Datasheet HTML 3Page - PANDUIT CORP. PLT2S-C Datasheet HTML 4Page - PANDUIT CORP. PLT2S-C Datasheet HTML 5Page - PANDUIT CORP. PLT2S-C Datasheet HTML 6Page - PANDUIT CORP. PLT2S-C Datasheet HTML 7Page - PANDUIT CORP. PLT2S-C Datasheet HTML 8Page - PANDUIT CORP. PLT2S-C Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 192 page
background image
2
Most commonly used parts appear in BOLD.
World Leader in Cable Ties and Wiring Accessories
PANDUIT ® is a leading global producer of cable ties and wiring accessories, offering the
most complete selection of sizes, styles and materials. We continually provide new cable
tie and wiring accessory designs to meet the changing application challenges encountered
by our customers while providing lowest installed costs.
PANDUIT ® also offers the largest selection of ergonomic cable tie installation tools —
from high speed automatic systems to hand operated tools. So, whatever the need,
PANDUIT ® has the tool to help lower your total installed cost.
Assured Quality
To help assure optimum quality, PANDUIT ® products are designed
and manufactured to meet applicable international, UL, military and customer standards:
ISO 9001
The International Standards Organization (ISO) establishes worldwide standards for products and
services in recognition of increasing globalization of markets. The ISO program sets up the requirements
for quality assurance systems of these worldwide standards. PANDUIT ® is registered to ISO 9001, the
most comprehensive model in the standard, meant for companies who design, manufacture, install and
service the products they sell. Registration has been awarded by Underwriters Laboratories (Certificate
No. A2269) after extensive audit of QA systems employed at PANDUIT ®.
Underwriters Laboratories, Inc. (File E56854)
Most PANDUIT ® miniature, intermediate, standard, light-heavy and heavy cross-section ties are
Recognized (ZODZ(8)) or Listed in the US and Canada by Underwriters Laboratories (ZODZ(7)) in their
Directory under the category “Wire Positioning Devices.” Natural, pigmented and weather resistant
cable ties are recognized for indoor use at temperatures up to 85 °C (185°F). Weather resistant cable
ties are also UL Listed for outdoor applications. Heat stabilized ties are UL Recognized and Listed for
indoor use at temperatures up to 115°C (239°F).
Aerospace Standard SAE spec AS23190 covers the actual test requirements on cable ties. PANDUIT ®
cable ties, when tested, either meet or exceed the requirements of this specification.
Nuclear Regulatory
Commission
The NRC developed rules and regulations concerning Quality Assurance Criteria for Nuclear Power
Plants or Title 10, Chapter 10, Part 50, Appendix B (10CFR50). PANDUIT
® Corp. Quality Assurance
program is designed to satisfy the 18 criteria set forth in NRC 10CFR50, Appendix B, Military
Specification AS23190.
Ford Motor Company
PANDUIT ® has received Q1 certification status from Ford Motor Company. Q1 certification enables all
PANDUIT ® cable tie manufacturing facilities to approve all initial samples and production shipments of
the parts destined for Ford operations throughout the world.
German (VG)
Military
Lloyd’s Register of
Shipping
RINA
Germanischer
Lloyd
Nippon Kaiji
Kyokai
Bureau Veritas
Det Norske
Veritas
International Approvals Independent Testing Facilities
KR
QS-9000 is the shorthand name for “Quality System Requirements QS-9000.” It is the common
supplier quality standard for the automotive industry. QS-9000 is based on the 1994 edition of
ISO 9001, but it contains additional requirements that are particular to the automotive industry.
These additions are considered automotive “interpretations” by the ISO community of accreditation
bodies and registrars. Registration has been awarded by Underwriters Laboratories Inc.
(Certificate No. A2269) for PANDUIT ® cable ties.
QS-9000
Korean Register
of Shipping
Everywhere you need us!
ISO14001 is a voluntary standard for Environmental Management Systems established by the
International Organization for Standardization. The international standard provides a benchmark for
continual improvement in environmental performance. Business partners can be confident that the
PANDUIT ® manufacturing facilities around the globe are engaged in an on-going process to maximize
value while minimizing impact on global natural resources.
ISO14001
Aerospace Standard AS23190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com