Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLT2S-C Datasheet(PDF) 13 Page - PANDUIT CORP.

Part # PLT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLT2S-C Datasheet(HTML) 13 Page - PANDUIT CORP.

Back Button PLT2S-C Datasheet HTML 9Page - PANDUIT CORP. PLT2S-C Datasheet HTML 10Page - PANDUIT CORP. PLT2S-C Datasheet HTML 11Page - PANDUIT CORP. PLT2S-C Datasheet HTML 12Page - PANDUIT CORP. PLT2S-C Datasheet HTML 13Page - PANDUIT CORP. PLT2S-C Datasheet HTML 14Page - PANDUIT CORP. PLT2S-C Datasheet HTML 15Page - PANDUIT CORP. PLT2S-C Datasheet HTML 16Page - PANDUIT CORP. PLT2S-C Datasheet HTML 17Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 192 page
background image
13
Most commonly used parts appear in BOLD.
PANDUIT ® Umbrella
Winged Push Mount
Cable Ties
The anchor snaps into a hole in a light gauge metal or plastic panel.
No screws or other fasteners required. The umbrella shaped disc
stabilizes the anchor and insures a tight, rattle-free fit. In addition, the
umbrella disc provides a dust-tight and semi-liquid tight seal against the
panel surface. The material is heat stabilized, black Nylon 6.6.
•For use with Corrugated Loom Tubing.
Part Number
A
Length
in. (mm)
B
Width
in. (mm)
C
Thickness
in. (mm)
Nominal
Hole
Diameter
in. (mm)
Max.
Panel
Thickness
in. (mm)
Max.
Bundle
Diameter
in. (mm)
Min. Loop
Tensile
Strength
Lbs. (N)
Recommended
PANDUIT ®
Installation
Tool
Part No.
Packaging*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
STANDARD CROSS SECTION
PLUP40S-D30‡
7.0
(177)
.190
(4.8)
.047
(1.2)
.266
(6.8)
.050
(1.3)
1.57
(40)
49
(218)
GTS, GS2B,
GTH, GS4H,
PTH or PPTS
—
—
500
5000
•PLUP40SE-D30‡
—
—
500
5000
A REF.
B
C
Economical Push Mount Tie Style
Part Number
A
Length
in. (mm)
B
Width
in. (mm)
C
Thickness
in. (mm)
D
Head
Height
in. (mm)
Nominal
Hole
Diameter
in. (mm)
Max.
Panel
Thickness
in. (mm)
Maximum
Bundle
Diameter
in. (mm)
Min. Loop
Tensile
Strength
Lbs. (N)
Recommended
PANDUIT ®
Installation
Tool
Part No.
Packaging*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
INTERMEDIATE CROSS SECTION
PLP1.5I-M‡
6.1
(156)
.135
(3.4)
.045
(1.1)
.236
(6.0)
.187
(4.7)
.090
(2.4)
1.25
(31.8)
40
(178)
GTS, GS2B, PTS,
PPTS or STS2
—
—
1000
25000
STANDARD CROSS SECTION
PLP1S-C
5.3
(134)
.180
(4.6)
.50
(1.3)
.354
(9.0)
.250
(6.4)
.130
(3.2)
1.00
(25)
50
(222)
GTS, GS2B,
GTH,
GS4H, PTS,
PPTS, STS2 or
STH2
100
1000
1000
10000
PLP1.5S-M‡
6.7
(170)
1.50
(38)
—
—
1000
10000
PLP2S-C
7.9
(200)
1.75
(45)
100
1000
1000
10000
PAN-TY
® Nylon 6.6
Push Mount
Ties (Style PLP)
*Order the number of pieces required in multiples of package quantities.
For colors and other materials, see pages 24-26.
All part numbers shown in standard package quantities unless denoted by ‡.
B
C
D
A REF.
Head design for standard cross section ties
Head design for
intermediate
cross section ties
Nylon 6.6 Push Mount Ties (PLUP/PLP Series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com