Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLT2S-C Datasheet(PDF) 28 Page - PANDUIT CORP.

Part # PLT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLT2S-C Datasheet(HTML) 28 Page - PANDUIT CORP.

Back Button PLT2S-C Datasheet HTML 24Page - PANDUIT CORP. PLT2S-C Datasheet HTML 25Page - PANDUIT CORP. PLT2S-C Datasheet HTML 26Page - PANDUIT CORP. PLT2S-C Datasheet HTML 27Page - PANDUIT CORP. PLT2S-C Datasheet HTML 28Page - PANDUIT CORP. PLT2S-C Datasheet HTML 29Page - PANDUIT CORP. PLT2S-C Datasheet HTML 30Page - PANDUIT CORP. PLT2S-C Datasheet HTML 31Page - PANDUIT CORP. PLT2S-C Datasheet HTML 32Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 192 page
background image
28
Most commonly used parts appear in BOLD.
DOME-TOP ® Barb Ty
Nylon 6.6 Locking
Cable Ties
PartNumber
Length
A
in. (mm)
Width
B
in. (mm)
Thickness
C
in. (mm)
Head
Height
D
in. (mm)
Head
Width
E
in. (mm)
Max.
Bundle
Dia.
in. (mm)
Min. Loop
Tensile
Strength
Lbs. (N)
Recommended
PANDUIT ®
Installation
Tool Part No.
Packaging*
Std.
Pkg.
Qty.*
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
MINIATURE CROSS SECTION
BT1M-C
4.0
(102)
.095
(2.4)
.036
(0.9)
.156
(4.0)
.172
(4.4)
.90
(23)
18
(80)
GTS, GS2B,
PTS, PPTS
or STS2
100
1000
1000
50000
BT1.5M-C
6.3
(160)
.046
(1.2)
.182
(4.6)
1.50
(38)
100
1000
1000
25000
BT2M-C
7.9
(201)
2.00
(51)
100
1000
1000
25000
BT4M-C
14.2
(361)
4.00
(102)
100
1000
1000
10000
• Available in Miniature, Intermediate, Standard and
Light-Heavy cross sections
• Bundle diameters up to 9.00" (229mm)
• Available in natural, weather resistant and heat stabilized
nylon and 11 different colors
• Tool or hand installed
INTERMEDIATE CROSS SECTION
BT1.5I-C
6.1
(155)
.141
(3.6)
.041
(1.0)
.185
(4.7)
.248
(6.3)
1.50
(38)
40
(178)
GTS, GS2B,
PTS, PPTS
or STS2
100
1000
1000
25000
BT2I-C
8.0
(203)
2.00
(51)
100
1000
1000
25000
BT3I-C
11.3
(287)
.049
(1.2)
3.00
(76)
100
1000
1000
10000
BT4I-C
14.3
(363)
4.00
(102)
100
1000
1000
10000
LIGHT-HEAVY CROSS SECTION (STRAIGHT TIP)
BT2LH-L
8.7
(221)
.275
(7.0)
.065
(1.7)
.320
(8.1)
.520
(13.2)
2.00
(51)
120
(534)
GTH, GS4H,
GS4EH,
PPTEH, STH2
or ST2EH
50
500
250
2500
BT3LH-L
11.8
(300)
3.00
(76)
50
500
250
2500
BT4LH-L
14.9
(378)
4.00
(102)
50
500
250
2500
BT5LH-L
18.1
(460)
5.00
(127)
50
500
100
2000
BT6LH-L
21.2
(538)
6.00
(152)
50
500
100
2000
BT7LH-L
24.4
(620)
7.00
(178)
50
500
100
2000
BT8LH-L
27.5
(699)
8.00
(203)
50
500
100
1000
BT9LH-L
30.7
(780)
9.00
(229)
50
500
100
1000
STANDARD CROSS SECTION
BT2S-C
8.0
(203)
.185
(4.7)
.045
(1.2)
.220
(5.6)
.320
(8.1)
2.00
(51)
50
(222)
GTS, GS2B,
GTH, GS4H,
PTS, PPTS,
STS2 or STH2
100
1000
1000
10000
BT3S-C
12.0
(305)
.052
(1.3)
3.00
(76)
100
1000
1000
10000
BT4S-C
15.1
(384)
4.00
(102)
100
1000
1000
10000
Side View
Front View
DOME-TOP ® Barb Ty Cable Ties (BT Series)
*Order the number of pieces required in multiples of package quantities.
For colors and other materials, see pages 34-35.
All part numbers shown in standard package quantities unless denoted by ‡.
E
A REF.
D
STRAIGHT TIP
CURVED TIP
C
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com