Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL375-60 Datasheet(PDF) 9 Page - Emerson Network Power

Part # PL375-60
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-60 Datasheet(HTML) 9 Page - Emerson Network Power

Back Button PL375-60 Datasheet HTML 5Page - Emerson Network Power PL375-60 Datasheet HTML 6Page - Emerson Network Power PL375-60 Datasheet HTML 7Page - Emerson Network Power PL375-60 Datasheet HTML 8Page - Emerson Network Power PL375-60 Datasheet HTML 9Page - Emerson Network Power PL375-60 Datasheet HTML 10Page - Emerson Network Power PL375-60 Datasheet HTML 11Page - Emerson Network Power PL375-60 Datasheet HTML 12Page - Emerson Network Power PL375-60 Datasheet HTML 13Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
7
.500 HEX NUT
.4375-28UNEF-2A TYP
SOLDER POT ACCEPTS
.036 DIA CONDUCTOR
.562
DIA
.380
DIA
.487
1.122
.062
.600 DIA
.892
BJ73 Shown
Mounting Hole: D2.140
BJ72 Shown
Mounting Hole: D2.140
BJ378 Shown
(Hermetically sealed version available, pg.16)
Mounting Hole: D3.187
BJ74-9 Shown
Mounting Hole: D2.140
BJ377 Shown
(Hermetically sealed version available,
pg.16)
Mounting Hole: D4.125
BJ79C Shown
For polarizations, contact
customer service.
Mounting Hole: D3.109
.730
DIA
.4375-28UNEF-2A TYP
.562 HEX NUT
.500-28UNEF-2A
.775
1.290
.750
DIA
.062 DIA
.500-28UNEF-2A
.625 HEX NUT
ACCEPTS .036 DIA
CONDUCTOR
1.065
.687
DIA
.840
1.312
.110
.500 WRENCH FLATS
.625-24 UNEF-2A
.750 HEX NUT
1.314
.775
.866
.414
MIN
.096
.437 HEX
.414
MIN
.625-24UNEF-2A
.750 HEX NUT
1.290
.414
MIN
.090
.800
DIA
.030
COLOR
BAND
1.146
.625 HEX NUT
.500-28UNEF-2A
.687 DIA
SHRINKABLE SEALING SLEEVE(LONG)
SHRINKABLE
STRAIN RELIEF
(CLEAR, 175
°C)
1.80 MAX
1.314
.687 DIA
.437
HEX
.500-28UNEF-2A
.437 WRENCH FLATS
.625 HEX NUT
.722
.096
.800
.4375-28UNEF-2A
.090
.750 HEX NUT
.625-24UNEF-2A
ACCEPTS
.041 DIA CONDUCTOR
.800
DIA
1.365
.865
.414
MIN
.515
ACCEPTS
.036 DIA
CONDUCTOR
.625-24UNEF-2A
.750 HEX NUT
1.365
.090
.414
MIN
BJ379-7 Shown
Mounting Hole: D3.160
BJ76 Shown
Mounting Holes: D3.240 w/o solder lug/D3.208 w/ solder lug
BJ75 Shown
Mounting Hole: D2.140
.750 HEX NUT
.625-24UNEF-2A
.414
MIN
1.416
1.800
.030
.800
DIA
SHRINKABLE
STRAIN RELIEF
(CLEAR, 175
°C)
SHRINKABLE SEALING SLEEVE (LONG)
BJ74C-202 Shown
Mounting Hole: D2.140
Twinax/Triax Connectors / Miniature Plugs & Jacks
70/370 Series, TRB/TRT
Twinax/Triax Connectors / Miniature Bulkhead Jacks
70/370 Series, TRB/TRT
Bulkhead Jack
Front Mount, Solder Pot
3–Lug.................................... BJ770
2–Lug.................................... BJ77TL
4–Lug.................................... BJ77FL
Threaded............................... BJ377
Bulkhead Jack
Tool Crimp
3–Lug.................................... BJ79C-
2–Lug.................................... BJ79CTL-
4–Lug.................................... BJ79CFL-
Threaded............................... BJ379C-
Feed-Thru Bulkhead Jack
3–Lug................................ BJ78
2–Lug................................ BJ78TL
4–Lug................................ BJ78FL
Threaded........................... BJ378
Bulkhead Cable Jack
Wrench Crimp
3–Lug..................... BJ79-
2–Lug..................... BJ79TL-
4–Lug..................... BJ79FL-
Threaded................ BJ379-
Bulkhead Solder Pot
Rear Mount, Solder Pot
3–Lug........................ BJ76
2–Lug........................ BJ76TL
4–Lug........................ BJ76FL
Threaded................... BJ376
Insulated Bulkhead Jack
Rear Mount, Solder Pot
3–Lug........................ BJ75
2–Lug........................ BJ75TL
4–Lug........................ BJ75FL
Threaded................... BJ375
Insulated Bulkhead Cable Jack
Wrench Crimp
3–Lug.............................................. BJ74-
2–Lug.............................................. BJ74TL-
4–Lug.............................................. BJ74FL-
Threaded......................................... BJ374-
Insulated Bulkhead Cable Jack
Tool Crimp
3–Lug........................................... BJ74C-
2–Lug........................................... BJ74CTL-
4–Lug........................................... BJ74CFL-
Threaded...................................... BJ374C-
Insulated Feed-Thru Jack
Wrench Crimp
3–Lug............................... BJ73
2–Lug............................... BJ73TL
4–Lug............................... BJ73FL
Threaded.......................... BJ373
“D” mounting holes see page 54. For polarizations, contact customer service.
Insulated Bulkhead Jack
Front Mount
3–Lug............................... BJ72
2–Lug............................... BJ72TL
4–Lug............................... BJ72FL
Threaded.......................... BJ372
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com