Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL375-60 Datasheet(PDF) 29 Page - Emerson Network Power

Part # PL375-60
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-60 Datasheet(HTML) 29 Page - Emerson Network Power

Back Button PL375-60 Datasheet HTML 25Page - Emerson Network Power PL375-60 Datasheet HTML 26Page - Emerson Network Power PL375-60 Datasheet HTML 27Page - Emerson Network Power PL375-60 Datasheet HTML 28Page - Emerson Network Power PL375-60 Datasheet HTML 29Page - Emerson Network Power PL375-60 Datasheet HTML 30Page - Emerson Network Power PL375-60 Datasheet HTML 31Page - Emerson Network Power PL375-60 Datasheet HTML 32Page - Emerson Network Power PL375-60 Datasheet HTML 33Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 100 page
background image
27
“D” mounting holes are on page 54.
Mounting Hole: C2.085
.437 WRENCH FLATS
.931
.096
.606 DIA MAX
.437 HEX NUT
.500 FLATS
.997
.096
.600 DIA MAX
.437 HEX
1.208
.708
.593 DIA
MAX
.380
DIA
.642
.420
.078
.687 HEX NUT
CRIMP
SLEEVE
.4375-28UNEF-2A
1.020
1.220
.987
1.100
1.080
.890
1.300
.375-32UNEF-2A
.437 WRENCH FLAT
1.089
.250
.400
.500 HEX
ACCEPTS
.064 DIA
CONDUCTOR
.632
.593 DIA MAX
1.132
CRIMP SLEEVE
CONTACT PIN
1.100
.593
MAX
.444 DIA
1.100
1.600
CRIMP SLEEVE
CONTACT PIN
.593
MAX
.444 DIA
1.325
MAX
.848
.808
45
°
1.900 MAX
CONTACT PIN
CRIMP SLEEVE
1.284
.424
.430
.380
.433 MAX
Coax Connectors / BNC Coax Connector Introduction
Coax Connectors / Miniature Coax 20/220 Series
BNC Plugs & Jacks
Cable Plug
Tool Crimp
50Ω........ PL220-
75Ω...... UPL220-
Cable Plug
Wrench Crimp
50Ω........... PL20-
75Ω......... UPL20-
Bulkhead Plug
Front Mount, Solder Pot
50Ω.................................................... PL21
75Ω.................................................. UPL21
Cable Plug
90° Right Angle, Full Crimp
75Ω....................................... UPLR220-
45° Angle, Full Crimp
75Ω...................................... UPLFF220-
Cable Jack
Wrench Crimp
50Ω................................. CJ20-
75Ω............................... UCJ20-
Cable Jack
Tool Crimp
50Ω................................ CJ220-
75Ω.............,................ UCJ220-
Bulkhead Cable Jack
Rear Tool Crimp
50Ω................................. BJ220-
75Ω............................... UBJ220-
Mounting Hole: D3.100
BNC Adapter
Male to Female Right Angle
75Ω BNC..................... UADRMF220
BNC “T” Adapter
50Ω.................................... BN23
75Ω.................................. UBN23
BNC Coupling Adapter
Barrel connector
50Ω.................................. AD228
75Ω................................ UAD228
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com