Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL375-60 Datasheet(PDF) 31 Page - Emerson Network Power

Part # PL375-60
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-60 Datasheet(HTML) 31 Page - Emerson Network Power

Back Button PL375-60 Datasheet HTML 27Page - Emerson Network Power PL375-60 Datasheet HTML 28Page - Emerson Network Power PL375-60 Datasheet HTML 29Page - Emerson Network Power PL375-60 Datasheet HTML 30Page - Emerson Network Power PL375-60 Datasheet HTML 31Page - Emerson Network Power PL375-60 Datasheet HTML 32Page - Emerson Network Power PL375-60 Datasheet HTML 33Page - Emerson Network Power PL375-60 Datasheet HTML 34Page - Emerson Network Power PL375-60 Datasheet HTML 35Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 100 page
background image
29
Edge Mount Circuit Board Jacks
Trompeter manufacturers a wide selection of circuit board jacks.
1.003
.723
.250
BOARD
THICKNESS
(.021)
Ø.400
RINSE
NOTCH
Circuit Board Edge Mount
Coax “BNC” Style Receptacle 75Ω
Circuit Board Bulkhead Edge Mount
Coax “BNC” Style Receptacle 75Ω
Max Panel Thickness: .179
Ø.412
.500-28UNEF-2A
1.003
.713
.562 HEX NUT
.250
BOARD
THICKNESS
(.021)
.500
RINSE NOTCH
.430
Ø.510
Ø.505
.447
.443
10 dB/ Ref 0 dB
1
2
3
4
MARKERS:
1: -30.906 dB
@ 1.000 GHz
2: -33.549 dB
@ 1.5 GHz
3: -31.237 dB
@ 2 GHz
4: -19.657 dB
@ 2.960 GHz
START 14.925373 MHz
STOP 2.999973 MHz
0
-10
-20
-30
-40
-50
50
40
30
20
10
Frequency in MHz
G
Coax Connectors / Miniature Coax 20/220 Series
BNC Bulkhead Jacks
Coax Connectors / Coax 20/220 Series
Circuit Board Jacks
Part Number
Board Thickness
UCBJE20-1
.060-.064
UCBJE20-2
.028-.033
Part Number
Board Thickness
UCBBJE20-1
.060-.064
UCBBJE20-2
.028-.033
UCBBJE20-3
.084
UCBBJ320-4
.120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com