Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL375-60 Datasheet(PDF) 11 Page - Emerson Network Power

Part # PL375-60
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-60 Datasheet(HTML) 11 Page - Emerson Network Power

Back Button PL375-60 Datasheet HTML 7Page - Emerson Network Power PL375-60 Datasheet HTML 8Page - Emerson Network Power PL375-60 Datasheet HTML 9Page - Emerson Network Power PL375-60 Datasheet HTML 10Page - Emerson Network Power PL375-60 Datasheet HTML 11Page - Emerson Network Power PL375-60 Datasheet HTML 12Page - Emerson Network Power PL375-60 Datasheet HTML 13Page - Emerson Network Power PL375-60 Datasheet HTML 14Page - Emerson Network Power PL375-60 Datasheet HTML 15Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
9
.625 1.166
2.673
* Other options available including Random Paralleling.
Contact customer service for more information.
For Adapters, see pages 58-61. For Terminations, see page 57.
TN2 Shown
.593
DIA
MAX
PL75
2.683
CJ70
.593
DIA
MAX
.425 TYP
.436
1.286
.593 DIA
OVER KNURL
1.075
.440
.625
1.166
2.673
INTERMEDIATE
BN73 Shown
Twinax/Triax Connectors / Miniature Circuit Board Jacks
70/370 Series
Twinax/Triax Connectors / TRB Series Pad
Paralleling/T Adapter
TRB Series Pad
TRB 3-Lug Plug and Jack
TRB “T” Adapter
3–Lug.............................................. BN73
2–Lug.............................................. BN73TL
4–Lug.............................................. BN73FL
TRT “T” Adapter
Threaded......................................... BN373
Fixed Paralleling Jack
Two Plugs, One Jack
3–Lug.............................................. TN2
2–Lug.............................................. TN2TL
4–Lug.............................................. TN2FL
Threaded......................................... TN2T
Fixed Paralleling Jacks
Fixed Paralleling Jack
Two Jacks, One Plug
3–Lug.............................................. TN2A
2–Lug.............................................. TN2TLA
4–Lug.............................................. TN2FLA
Threaded......................................... TN2TA
TN2A Shown
TNG2-R
TNG3-R
Part Number
Circuitry Schematic
R
R1
R2
R
R1
R2
R1 R2
R3
R3
R4
R5
R6
R2
R1
R
R1
R2
R
R1
R2
R1 R2
R3
R3
R4
R5
R6
R2
R1
R-Resistance (½W 1%)
Substitute resistive value for each "R
N" unless all values are identical.
Triax Parallel Network
305-0138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com