Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC200IDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSC200IDT
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200IDT Datasheet(HTML) 1 Page - STMicroelectronics

  TSC200IDT Datasheet HTML 1Page - STMicroelectronics TSC200IDT Datasheet HTML 2Page - STMicroelectronics TSC200IDT Datasheet HTML 3Page - STMicroelectronics TSC200IDT Datasheet HTML 4Page - STMicroelectronics TSC200IDT Datasheet HTML 5Page - STMicroelectronics TSC200IDT Datasheet HTML 6Page - STMicroelectronics TSC200IDT Datasheet HTML 7Page - STMicroelectronics TSC200IDT Datasheet HTML 8Page - STMicroelectronics TSC200IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Features
•
AEC-Q100 qualified
•
Wide common-mode voltage: -16 to 80 V
•
2.7 to 18 V supply voltage
•
Amplification gain:
–
TSC200: 20 V/V
–
TSC201: 50 V/V
–
TSC202: 100 V/V
•
0.6 V internal reference
•
Internal open-drain comparator
•
Latching capability on comparator
•
High accuracy: 3.5 % max. error vs. temperature
•
Bandwidth: 1 MHz (TSC200)
•
Quiescent current: 1.8 mA maximum
•
SO8 and MiniSO8 package
Applications
•
High-side current sensing
•
Low-side current sensing
•
Overcurrent protection
•
Automotive current sensing
•
Telecom equipment
•
Test and measurement equipment
•
Industrial process control
Description
The TSC200, TSC201 and TSC202 are high-side current sense amplifiers which
deliver an analog voltage output. They can sense current via a shunt resistor over a
wide range of common-mode voltages, from -16 to +80 V, whatever the supply
voltage is. They are available with an amplification gain of 20 V/V for TSC200, 50 V/V
for TSC201, and 100 V/V for TSC202.
The TSC200, TSC201 and TSC202 integrate an open-drain comparator with output
latch function and an internal 0.6 V voltage reference connected to its input. The
external resistor divider can then set the switching threshold.
These devices fully operate over the broad supply voltage range of 2.7 to 18 V and
over the automotive temperature range of -40 to +125 °C.
Maturity status link
TSC200, TSC201, TSC202
High voltage, current sense amplifier with open drain comparator and ref
TSC200, TSC201, TSC202
Datasheet
DS13882 - Rev 2 - November 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSC200IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC200IDT STMICROELECTRONICS-TSC200IDT Datasheet
2Mb / 18P
High voltage, current sense amplifier with open drain comparator and ref
TSC200IDT STMICROELECTRONICS-TSC200IDT Datasheet
4Mb / 34P
High voltage, current sense amplifier with open drain comparator and ref
30-Sep-2025
More results

Similar Description - TSC200IDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
logo
Linear Technology
LT6118 LINER-LT6118_15 Datasheet
349Kb / 24P
Current Sense Amplifier, Reference and Comparator with POR
LT6108-1 LINER-LT6108-1_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
LT6108-2 LINER-LT6108-2_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
logo
Texas Instruments
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Linear Technology
LT6118 LINER-LT6118 Datasheet
218Kb / 6P
High Side Current Sense Amplifier with Reference and Comparator with POR Capability
logo
STMicroelectronics
TSC200 STMICROELECTRONICS-TSC200 Datasheet
2Mb / 18P
High voltage, current sense amplifier with open drain comparator and ref
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com