Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC200IDT Datasheet(PDF) 32 Page - STMicroelectronics

Part # TSC200IDT
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200IDT Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TSC200IDT Datasheet HTML 26Page - STMicroelectronics TSC200IDT Datasheet HTML 27Page - STMicroelectronics TSC200IDT Datasheet HTML 28Page - STMicroelectronics TSC200IDT Datasheet HTML 29Page - STMicroelectronics TSC200IDT Datasheet HTML 30Page - STMicroelectronics TSC200IDT Datasheet HTML 31Page - STMicroelectronics TSC200IDT Datasheet HTML 32Page - STMicroelectronics TSC200IDT Datasheet HTML 33Page - STMicroelectronics TSC200IDT Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin connections (top view) ............................................................ 2
Figure 3.
Typical comparator hysteresis.......................................................... 6
Figure 4.
Gain vs. frequency (CL = 1000 pF) ...................................................... 7
Figure 5.
Gain vs. frequency (CL = 100 pF) ....................................................... 7
Figure 6.
Gain plot ........................................................................ 7
Figure 7.
CMRR and PSRR vs. frequency ........................................................ 7
Figure 8.
Output error vs. Vsense............................................................... 8
Figure 9.
Output error vs. common-mode voltage ................................................... 8
Figure 10.
Output current vs. output voltage at VCC = 2.7 V ............................................. 8
Figure 11.
Output current vs. output voltage at VCC = 12 V ............................................. 8
Figure 12.
Quiescent current vs. output voltage ..................................................... 8
Figure 13.
Quiescent current vs. common-mode voltage ............................................... 8
Figure 14.
Output short-circuit current vs. supply voltage............................................... 9
Figure 15.
Step response for 20 to 30 mV Vsense G = 20 ............................................... 9
Figure 16.
Step response for 20 to 110 mV Vsense G = 20 .............................................. 9
Figure 17.
Step response for 90 to 100 mV Vsense G = 20 .............................................. 9
Figure 18.
Step response for 20 to 30 mV Vsense G = 50 ............................................... 9
Figure 19.
Step response for 20 to 110 mV Vsense G = 50 .............................................. 9
Figure 20.
Step response for 90 to 100 mV Vsense G = 50 ............................................. 10
Figure 21.
Step response for 20 to 110 mV Vsense G = 100 ............................................ 10
Figure 22.
Comparator VOL vs. ISINK............................................................ 10
Figure 23.
Comparator trip points vs. VCC ........................................................ 10
Figure 24.
Comparator trip points vs. temperature .................................................. 11
Figure 25.
Comparator reset voltage vs. VCC ...................................................... 11
Figure 26.
Comparator propagation delay vs. overdrive voltage ......................................... 11
Figure 27.
Comparator propagation delay vs. temperature............................................. 11
Figure 28.
Comparator propagation delay ........................................................ 11
Figure 29.
Simplified diagram when Vicm > 40% VCC ................................................ 12
Figure 30.
Input bias current vs. Vsense for a Vicm = 80 V .............................................. 13
Figure 31.
Simplified diagram when Vicm < 40% VCC ................................................ 14
Figure 32.
Input bias current vs. Vsense for a Vicm = -16 V ............................................. 14
Figure 33.
VOUT when Vsense = 0 V, VCC = 5 V, Vicm = 0 V............................................. 15
Figure 34.
VOUT when Vsense = 0 V, VCC = 5 V, Vicm = 12 V ............................................ 15
Figure 35.
Input voltage offset over Vicm and temperature ............................................. 15
Figure 36.
Input referred noise vs. frequency ...................................................... 17
Figure 37.
Stability criteria with a serial resistor at VCC = 5 V ........................................... 19
Figure 38.
Startup time schematic ............................................................. 20
Figure 39.
Startup time with a decoupling capacitance of 100 nF ........................................ 20
Figure 40.
Recommended layout .............................................................. 21
Figure 41.
EMIRR on pin+ ................................................................... 21
Figure 42.
EMIRR on pin- ................................................................... 21
Figure 43.
Negative overvoltage recovery VCC = 5 V................................................. 22
Figure 44.
Positive overvoltage recovery VCC = 5 V ................................................. 22
Figure 45.
Comparator latching capability ........................................................ 22
Figure 46.
Typical OCP application............................................................. 23
Figure 47.
TSC200 response time to an overcurrent event ............................................ 24
Figure 48.
CMPOUT at startup when CMPIN < 0.6 V ................................................. 24
Figure 49.
CMPOUT at startup when CMPIN > 0.6 V ................................................. 24
Figure 50.
TSC200 used to drive and protect a power amplifier ......................................... 25
TSC200, TSC201, TSC202
List of figures
DS13882 - Rev 2
page 32/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com