Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC200IDT Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSC200IDT
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200IDT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSC200IDT Datasheet HTML 9Page - STMicroelectronics TSC200IDT Datasheet HTML 10Page - STMicroelectronics TSC200IDT Datasheet HTML 11Page - STMicroelectronics TSC200IDT Datasheet HTML 12Page - STMicroelectronics TSC200IDT Datasheet HTML 13Page - STMicroelectronics TSC200IDT Datasheet HTML 14Page - STMicroelectronics TSC200IDT Datasheet HTML 15Page - STMicroelectronics TSC200IDT Datasheet HTML 16Page - STMicroelectronics TSC200IDT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
When the input common-mode voltage is higher than 40% of the VCC, the amplifier A2 is active. An Iload current
flowing into the shunt generates Vsense, a small differential voltage between TSC20x’s input pins. Due to the A2
amplifier, a current Ir flows through the input pin IN+. This current Ir is equal to Vsense/5 kΩ and is converted
through R2, into the voltage V2 as described in equation 1.
V2=2.5*Vsense
(1)
It is finally amplified by the A3 amplifier.
Vout=V2*A3
(2)
In case of TSC200 A3 = 8
In case of TSC201 A3 = 20
In case of TSC202 A3 = 40
The input bias current of IN+ is composed of the supply current of the input stage (roughly 30 µA), as well as Ir.
The value of Ir is directly linked to the sensing voltage Vsense. Figure 30 shows the sum of bias current into the
input pins.
Figure 30. Input bias current vs. Vsense for a Vicm = 80 V
0
100
200
300
400
500
600
0
100
200
300
400
500
600
-25
0
25
50
75
100
125
150
175
200
-25
0
25
50
75
100
125
150
175
200
Iibp
Vcc=12V
Vicm=80V
T=25°C
Iibn
Vsense (mV)
Mode 2: Vsense > 20 mV and Vicm < 40% VCC
Figure 31 depicts a simplified diagram, explaining the main functional principle of TSC20x for the mode 2
operation.
TSC200, TSC201, TSC202
Theory of operation
DS13882 - Rev 2
page 13/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com