Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC200IDT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSC200IDT
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200IDT Datasheet(HTML) 2 Page - STMicroelectronics

  TSC200IDT Datasheet HTML 1Page - STMicroelectronics TSC200IDT Datasheet HTML 2Page - STMicroelectronics TSC200IDT Datasheet HTML 3Page - STMicroelectronics TSC200IDT Datasheet HTML 4Page - STMicroelectronics TSC200IDT Datasheet HTML 5Page - STMicroelectronics TSC200IDT Datasheet HTML 6Page - STMicroelectronics TSC200IDT Datasheet HTML 7Page - STMicroelectronics TSC200IDT Datasheet HTML 8Page - STMicroelectronics TSC200IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
1
Block diagram and pin description
Figure 1. Block diagram
+
–
Comparator
Gain
0.6 V
VIN+
VIN-
CMPOUT
RESET
VCC
OUT
CMP
GND
IN
Reference
Figure 2. Pin connections (top view)
VIN+
VIN-
CMPOUT
RESET
VCC
OUT
CMP
GND
8
7
6
5
1
2
3
4
IN
Table 1. Pin description
Pin
Pin name
Description
1
VCC
Supply voltage
2
OUT
Current sense amplifier, output
3
CMPIN
Comparator input
4
GND
Ground
5
RESET
Comparator reset pin, active low
6
CMPOUT
Comparator output
7
VIN-
Current sense amplifier, negative input
8
VIN+
Current sense amplifier, positive input
TSC200, TSC201, TSC202
Block diagram and pin description
DS13882 - Rev 2
page 2/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com