Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-21 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # EPR-21
Description  Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-21 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button EPR-21 Datasheet HTML 3Page - Power Integrations, Inc. EPR-21 Datasheet HTML 4Page - Power Integrations, Inc. EPR-21 Datasheet HTML 5Page - Power Integrations, Inc. EPR-21 Datasheet HTML 6Page - Power Integrations, Inc. EPR-21 Datasheet HTML 7Page - Power Integrations, Inc. EPR-21 Datasheet HTML 8Page - Power Integrations, Inc. EPR-21 Datasheet HTML 9Page - Power Integrations, Inc. EPR-21 Datasheet HTML 10Page - Power Integrations, Inc. EPR-21 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
19-Nov-02
EPR-21 – 5 V, 30 W DC-DC Converter
R13 applies a small amount of preloading to the supply output to prevent the voltage at
the auxiliary winding of L1 from collapsing at zero load. R13 is set to provide a minimum
of 8 V at the cathode of D1 at zero load.
4.3
Output Feedback
R10 and R11 divide down the supply output voltage and apply it to the reference pin of
error amplifier U3. U3 drives optocoupler U2 through resistor R6 to provide feedback
information to the CONTROL pin of U1. The optocoupler output also provides power to
U1 during normal operating conditions. D3 and C13 apply drive to the optocoupler during
supply startup to eliminate output voltage overshoot. D3 isolates C13 from the supply
feedback loop after startup. R7 discharges C13 when the supply is off. R8 provides bias
current to U3.
C6, C14, C16, R4, R6, R9, and R12 all play a role in compensating the power supply
control loop. C6 rolls off the gain of U1 at a relatively low frequency. R4 provides a zero
to cancel the phase shift of C6. R6 sets the gain of the direct signal path from the supply
output through U2 and U3. C14 and R9 roll off the gain of U3. R12 and C16 provide
phase boost near the output filter (L2, C10-11) resonant frequency to improve phase
margin and stability.
4.4 Construction
The EP21 is constructed with surface mount components using an aluminum clad circuit
board. The printed circuit board is an effective heat spreader, and allows attachment of a
heat sink on the back of the board for operation at high ambient temperature. Tantalum
and ceramic capacitors are used instead of conventional electrolytic capacitors to enable
operation at extreme ambient temperatures.
Page 7 of 32
Power Integrations, Inc.
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com