Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-21 Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # EPR-21
Description  Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-21 Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button EPR-21 Datasheet HTML 15Page - Power Integrations, Inc. EPR-21 Datasheet HTML 16Page - Power Integrations, Inc. EPR-21 Datasheet HTML 17Page - Power Integrations, Inc. EPR-21 Datasheet HTML 18Page - Power Integrations, Inc. EPR-21 Datasheet HTML 19Page - Power Integrations, Inc. EPR-21 Datasheet HTML 20Page - Power Integrations, Inc. EPR-21 Datasheet HTML 21Page - Power Integrations, Inc. EPR-21 Datasheet HTML 22Page - Power Integrations, Inc. EPR-21 Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19-Nov-02
EPR-21 – 5 V, 30 W DC-DC Converter
11 Thermal Performance
Thermal performance of the EP-21 was measured in still air at room temperature with no
heat sink and with a Wakefield 628-65AB heat sink attached to the aluminum substrate
using Berquist Bond Ply 105 thermal adhesive. The supply was also tested in still air in a
thermal chamber with the ambient temperature adjusted for 110
°C base plate
temperature, both with and without a heat sink. The results are tabulated below.
Input Voltage
36 VDC
48 VDC
72 VDC
Item
Ambient
25
°C
25
°C
25
°C
DPA-Switch (U1)
68
°C
64.5
°C
64
°C
Transformer (T1)
67
°C
64
°C
64
°C
Output Choke (L2)
67
°C
67
°C
68.5
°C
Output Rectifier (D2)
73
°C
71
°C
72
°C
Base Plate
66
°C
63
°C
62
°C
Figure 12 – EP-21 Thermal Performance with Attached Heat Sink,
Room Temperature, Maximum Load.
Input Voltage
36 VDC
48 VDC
72 VDC
Item
Ambient
76
°C
77
°C
82.5
°C
DPA-Switch (U1)
115
° C
113
° C
113
°C
Transformer (T1)
116
°C
115
°C
117
°C
Output Choke (L2)
112.5
°C
113
°C
118
°C
Output Rectifier (D2)
113
°C
113
°C
117
°C
Base Plate
110
°C
110
°C
110
°C
Figure 13 – EP-21 Thermal Performance with Attached Heat Sink, Ambient
Temperature Adjusted for 110
°C Base Plate Temperature.
Input Voltage
36 VDC
48 VDC
72 VDC
Item
Ambient
30
°C
30
°C
29
°C
DPA-Switch (U1)
87
°C
82
°C
80
°C
Transformer (T1)
86
°C
82
°C
81.5
°C
Output Choke (L2)
82
°C
80
°C
82
°C
Output Rectifier (D2)
95
°C
91
°C
90.5
°C
Base Plate
86
°C
81
°C
80
°C
Figure 14 – EP-21 Thermal Performance, No Heat Sink, Room Temperature,
Maximum Load.
Page 19 of 32
Power Integrations, Inc.
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com