Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-21 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # EPR-21
Description  Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-21 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  EPR-21 Datasheet HTML 1Page - Power Integrations, Inc. EPR-21 Datasheet HTML 2Page - Power Integrations, Inc. EPR-21 Datasheet HTML 3Page - Power Integrations, Inc. EPR-21 Datasheet HTML 4Page - Power Integrations, Inc. EPR-21 Datasheet HTML 5Page - Power Integrations, Inc. EPR-21 Datasheet HTML 6Page - Power Integrations, Inc. EPR-21 Datasheet HTML 7Page - Power Integrations, Inc. EPR-21 Datasheet HTML 8Page - Power Integrations, Inc. EPR-21 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Title
Engineering Prototype Report (EP-21) –
30 W DC-DC Converter with DPA424
Specification 36 VDC to 72 VDC Input, 5 V @ 6 A Output
Application
Telecom
Author
PI Applications Department
Document
Number
EPR-21
Date
19-Nov-02
Revision
4.0
Features
Very Low Component Count
•
•
•
•
•
•
High Efficiency
– No current sense components
– Integrated MOSFET designed for very low switching and gate drive losses
– 85% with low cost S.B.D. rectifier
DPA-Switch Integrates:
– Accurate line OV and OV shutdown
– Thermal protection
– Overload and open loop fault protection
– Regulation at zero load (cycle skipping)
– 400 kHz trimmed internal oscillator
No Heat Sink or Derating at up to 55
°C
Tested Over Industrial Temperature Range (-40
°C to 85 °C)
High Bandwidth (6 kHz)
Power Integrations, Inc.
5245 Hellyer Avenue, San Jose, CA 95138 USA.
Applications Hotline: Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com


Similar Part No. - EPR-21

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-29 POWERINT-EPR-29 Datasheet
2Mb / 36P
Engineering Prototype Report for EP-29 - Multiple Output 11 W (15.5 W peak) AC-DC Power Supply using TNY268P
More results

Similar Description - EPR-21

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-16 POWERINT-EPR-16 Datasheet
1Mb / 36P
Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
EPR-18 POWERINT-EPR-18 Datasheet
1Mb / 28P
Engineering Prototype Report for EP-18 10 W, Multiple Output, Isolated Power Supply with
EPR-29 POWERINT-EPR-29 Datasheet
2Mb / 36P
Engineering Prototype Report for EP-29 - Multiple Output 11 W (15.5 W peak) AC-DC Power Supply using TNY268P
EPR-31 POWERINT-EPR-31 Datasheet
1,014Kb / 36P
Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
EPR-34 POWERINT-EPR-34 Datasheet
935Kb / 28P
Engineering Prototype Report for EP 34 - Single Output 30 W AC-DC Power Supply
EPR-54 POWERINT-EPR-54 Datasheet
1Mb / 40P
Engineering Prototype Report for EP 54 - 2.75 W Charger/Adapter Using LNK520P
EPR-68 POWERINT-EPR-68 Datasheet
2Mb / 28P
Engineering Prototype Report for EP 68 - 6.6 W DC-DC Flyback Converter Using DPA-Switch- (DPA423G)
EPR-71 POWERINT-EPR-71 Datasheet
1Mb / 28P
Engineering Prototype Report for EP 71 - 6.6 W DC-DC Converter Using DPA Switch- (DPA423G)
EPR-85 POWERINT-EPR-85 Datasheet
2Mb / 32P
Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
EPR-91 POWERINT-EPR-91 Datasheet
712Kb / 36P
Engineering Prototype Report for EP-91 - 12 W Power Supply using
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com