Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-21 Datasheet(PDF) 20 Page - Power Integrations, Inc.

Part # EPR-21
Description  Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-21 Datasheet(HTML) 20 Page - Power Integrations, Inc.

Back Button EPR-21 Datasheet HTML 16Page - Power Integrations, Inc. EPR-21 Datasheet HTML 17Page - Power Integrations, Inc. EPR-21 Datasheet HTML 18Page - Power Integrations, Inc. EPR-21 Datasheet HTML 19Page - Power Integrations, Inc. EPR-21 Datasheet HTML 20Page - Power Integrations, Inc. EPR-21 Datasheet HTML 21Page - Power Integrations, Inc. EPR-21 Datasheet HTML 22Page - Power Integrations, Inc. EPR-21 Datasheet HTML 23Page - Power Integrations, Inc. EPR-21 Datasheet HTML 24Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
EPR-21 – 5 V, 30 W DC-DC Converter
19-Nov-02
Input Voltage
36 VDC
48 VDC
72 VDC
Item
Ambient
57
°C
61
°C
69
°C
DPA-Switch (U1)
114
°C
113
°C
113
°C
Transformer (T1)
114.5
°C
115
°C
116
°C
Output Choke (L2)
110
°C
112
°C
115
°C
Output Rectifier (D2)
114
°C
115
°C
117
°C
Base Plate
110
°C
110
°C
110
°C
Figure 15 – EP-21 Thermal Performance, No Heat Sink, Maximum Load, Ambient
Temperature Adjusted for 110
°C, Base Plate Temperature.
EP-21 Thermal Derating
(115
oC Maximum Baseplate, V
IN = 48 V)
0
5
10
15
20
25
30
35
0
2040
6080
100
120
Ambient Temperature (
oC)
No heat sink
With heat sink
Figure 16 – EP-21 Output Power Thermal Derating.
Page 20 of 32
Power Integrations, Inc.
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com