Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5523TGL Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD5523TGL
Description  Multi-Mode PWM Controller of Flyback with MOSFET Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523TGL Datasheet(HTML) 2 Page - Leadtrend Technology

  LD5523TGL Datasheet HTML 1Page - Leadtrend Technology LD5523TGL Datasheet HTML 2Page - Leadtrend Technology LD5523TGL Datasheet HTML 3Page - Leadtrend Technology LD5523TGL Datasheet HTML 4Page - Leadtrend Technology LD5523TGL Datasheet HTML 5Page - Leadtrend Technology LD5523TGL Datasheet HTML 6Page - Leadtrend Technology LD5523TGL Datasheet HTML 7Page - Leadtrend Technology LD5523TGL Datasheet HTML 8Page - Leadtrend Technology LD5523TGL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LD5523T
04/08/2021
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523T-DS-00 April 2021
Pin Configuration
SOT-26 (TOP VIEW)
Y
: Year code (D: 2004, E: 2005…..)
W
: Week code
PP
: Production code
t23T
: LD5523T
12
3
4
5
6
GND COMP
FB
OUT
VCC
CS
YWt
23T
PP
Ordering Information
Part number
Package
TOP MARK
Shipping
LD5523T GL
SOT-26
(Green Package)
YWt/23T/PP
3000 /tape & reel
The LD5523T is RoHs compliant/ green packaged.
Protection Mode
Product Name Switching Freq. VCC_OVP
FB_OVP
OSCP
OLP
FB_UVP
Int. OTP
LD5523T
65kHz
Auto recovery Auto recovery Auto recovery Auto recovery Auto recovery Auto recovery
Pin Descriptions
NAME
PIN
(SOT-26)
FUNCTION
GND
1
Ground
COMP
2
Output of the error amplifier for voltage compensation
FB
3
Auxiliary voltage sense, brown in/out and Quasi Resonant detection
CS
4
Current sense pin, connect to sense the MOSFET current
VCC
5
Supply voltage pin
OUT
6
Gate drive output to drive the external MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com