Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5523TGL Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD5523TGL
Description  Multi-Mode PWM Controller of Flyback with MOSFET Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523TGL Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD5523TGL Datasheet HTML 6Page - Leadtrend Technology LD5523TGL Datasheet HTML 7Page - Leadtrend Technology LD5523TGL Datasheet HTML 8Page - Leadtrend Technology LD5523TGL Datasheet HTML 9Page - Leadtrend Technology LD5523TGL Datasheet HTML 10Page - Leadtrend Technology LD5523TGL Datasheet HTML 11Page - Leadtrend Technology LD5523TGL Datasheet HTML 12Page - Leadtrend Technology LD5523TGL Datasheet HTML 13Page - Leadtrend Technology LD5523TGL Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LD5523T
04/08/2021
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523T-DS-00 April 2021
M
L
Inductance of primary winding
R
C
Resonance equivalent parasitic capacitance
If VDS voltage falls to resonant valley level from max
plateau value, the QRD comparator will be tripped while
FB pin current is close to 20
A.
However, the QR detection will be influenced by
propagation delay. If inductance of primary winding is
less than 500µH, there is barb in Vds (as shown in Fig.
11).
Fig. 11
Voltage Feedback Loop
The voltage feedback signal is provided from the TL431
at the secondary side through the photo-coupler to the
COMP pin of the LD5523T. Similar to UC3842, the
LD5523T would without voltage offset to feed the
voltage divider at the ratio of RA and RB, that is,
COMP
B
A
A
)
PWM
(
-
V
×
R
+
R
R
=
V
COMPARATOR
A pull-high resistor is embedded internally and therefore
no external one is required.
The LD5523T integrates the multi-mode PWM controller,
and for enhance the light load efficiency, the comp pin
value corresponding to the frequency is as shown in Fig.
12.
Fig. 12
Current Sensing, Leading Edge Blanking
The typical current mode of PWM controller feedbacks
both current signal and voltage signal to close the
control loop and achieve regulation. The LD5523T
detect the primary MOSFET current from the CS pin,
which is not only for the peak current mode control but
also for the pulse-by-pulse current limit. The maximum
voltage threshold of the current sensing pin sets at 0.5V.
From above, the MOSFET peak current can be obtained
from below.
CS
)
MAX
(
PEAK
R
V
5
.
0
I
A 450ns leading-edge blanking (LEB) time is included in
the input of CS pin to prevent the false-trigger from the
current spike. In the low power application, if the total
pulse width of the turn-on spike is less than 450ns and
the negative spike on the CS pin doesn’t exceed -0.3V,
it could remove the R-C filter (as shown in the Fig. 13).
However, the total pulse width of the turn-on spike is
decided by the output power, circuit design and PCB
layout. It is strongly recommended to adopt a smaller
R-C filter (as shown in Fig. 14) for higher power
application to avoid the CS pin being damaged by the
negative turn-on spike.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com