Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5523TGL Datasheet(PDF) 9 Page - Leadtrend Technology

Part # LD5523TGL
Description  Multi-Mode PWM Controller of Flyback with MOSFET Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523TGL Datasheet(HTML) 9 Page - Leadtrend Technology

Back Button LD5523TGL Datasheet HTML 5Page - Leadtrend Technology LD5523TGL Datasheet HTML 6Page - Leadtrend Technology LD5523TGL Datasheet HTML 7Page - Leadtrend Technology LD5523TGL Datasheet HTML 8Page - Leadtrend Technology LD5523TGL Datasheet HTML 9Page - Leadtrend Technology LD5523TGL Datasheet HTML 10Page - Leadtrend Technology LD5523TGL Datasheet HTML 11Page - Leadtrend Technology LD5523TGL Datasheet HTML 12Page - Leadtrend Technology LD5523TGL Datasheet HTML 13Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LD5523T
04/08/2021
9
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523T-DS-00 April 2021
Application Information
Operation Overview
The LD5523T is built in a multi-mode PWM controller.
The LD5523T operates a constant frequency to achieve
the CCM as heavy load. For demanding higher power
efficiency and power-saving in light load condition, the
LD5523T implements QR function to allow the valley
switching and accomplish zero voltage switching (ZVS).
Under different load conditions, LD5523T provides the
different solutions for achieving higher efficiency and
performance.
Under Voltage Lockout (UVLO)
An UVLO comparator is implemented in it to detect the
voltage on the VCC pin. It would assure the supply
voltage enough to turn on the LD5523T. As shown in Fig.
9, a hysteresis is built in to prevent the shutdown from
the voltage dip during startup. The turn-on and turn-off
threshold level are set at 16.5V and 6.3V, respectively.
Fig. 9
Startup Current and Startup Circuit
The typical startup circuit to generate the LD5523T VCC
is shown in Fig. 10. During the startup transient, the
VCC is lower than the UVLO threshold thus LD5523T
will not to turn on. Therefore, the current through R1 will
provide the startup current and to charge the capacitor
C1. Whenever the VCC voltage is high enough to turn
on the LD5523T the supply current is provided from the
auxiliary winding of the transformer.
Lower startup current requirement on the PWM
controller will help to increase the value of R1 and then
reduce the power consumption on R1. By using CMOS
process and the special circuit design, the maximum
startup current of LD5523T is only 1
A. If a higher
resistance value of R1 is chosen, it usually takes more
time to start up. To select the value of R1 and C1
carefully will optimize the power consumption and
startup time.
Fig. 10
QR Mode Detection
The transformer will be demagnetized after the main
power MOSFET turns off. A quasi resonant signal will
be detected from auxiliary winding by FB pin through the
external resister.
As soon as the current of the secondary side diode is
down
to
zero
during
MOSFET-off
period,
the
transformer’s core is demagnetized completely. VDS of
MOSFET will resonate in discontinuous current mode.
The resonance frequency (FQR) will be obtained as
below.
)
HZ
(
C
×
L
π
2
1
=
F
R
m
QR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com