Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5523TGL Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD5523TGL
Description  Multi-Mode PWM Controller of Flyback with MOSFET Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523TGL Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD5523TGL Datasheet HTML 7Page - Leadtrend Technology LD5523TGL Datasheet HTML 8Page - Leadtrend Technology LD5523TGL Datasheet HTML 9Page - Leadtrend Technology LD5523TGL Datasheet HTML 10Page - Leadtrend Technology LD5523TGL Datasheet HTML 11Page - Leadtrend Technology LD5523TGL Datasheet HTML 12Page - Leadtrend Technology LD5523TGL Datasheet HTML 13Page - Leadtrend Technology LD5523TGL Datasheet HTML 14Page - Leadtrend Technology LD5523TGL Datasheet HTML 15Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LD5523T
04/08/2021
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523T-DS-00 April 2021
Under Voltage Protection 2 on FB Pin (FB
UVP 2) – Auto Recovery
To protect the circuit from damage due to output under
voltage condition, LD5523T is implemented with an UVP
function on FB pin. The output voltage is detected by PD
controller, if output voltage falls to PD UVP level in
abnormal condition, PD controller will control output
voltage to drop immediately. The FB pin voltage is
proportional to output voltage during the gate off time.
Therefore, as VFB is lower than FB UVP trip level during
gate off region over 6 cycles, then the FB UVP 2 will be
activated to stop the switching of the power MOSFET
until the next UVLO(on). The Fig. 19 shows its
operation.
Fig. 19
Output Short Circuit Protection (OSCP) –
Auto Recovery
The OSCP function can prevent the damage from
output short circuit. Once the output is shorted, Vo and
VCC drop immediately. According to the close loop
control, COMP voltage will pull high in the meanwhile.
The auxiliary winding voltage can be reflected from
secondary winding, in which the FB pin voltage is
proportional to output voltage during the gate off time.
Therefore, VFB also drops during gate off region. At this
time, the OSCP protection will be triggered and turn off
the gate driving.
Oscillator and Switching Frequency
The LD5523T is implemented with frequency swapping
function which helps the power supply designers to both
optimize EMI performance and lower system cost.
Green Mode Operation
By using the green-mode control, the switching
frequency can be reduced under the light load condition.
This feature helps to improve the efficiency in light load
conditions. The green-mode control is Leadtrend
Technology’s own property.
Fault Protection
There are several critical protections integrated in the
LD5523T to prevent from damage to the power supply.
Those damages usually come from open or short
conditions on the pins of LD5523T.
In case under such conditions listed below, the gate
output will turn off immediately to protect the power
circuit.
1.
CS pin floating
2.
COMP pin floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com