Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5155 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA5155
Description  Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5155 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA5155 Datasheet HTML 4Page - NXP Semiconductors TDA5155 Datasheet HTML 5Page - NXP Semiconductors TDA5155 Datasheet HTML 6Page - NXP Semiconductors TDA5155 Datasheet HTML 7Page - NXP Semiconductors TDA5155 Datasheet HTML 8Page - NXP Semiconductors TDA5155 Datasheet HTML 9Page - NXP Semiconductors TDA5155 Datasheet HTML 10Page - NXP Semiconductors TDA5155 Datasheet HTML 11Page - NXP Semiconductors TDA5155 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1997 Apr 08
8
Philips Semiconductors
Preliminary specification
Pre-amplifier for Hard Disk Drive (HDD)
with MR-read/inductive write heads
TDA5155
8
FUNCTIONAL DESCRIPTION
8.1
Read mode
The read mode disables the write circuitry to save power
while reading. The read circuitry is disactivated for write,
sleep and standby modes. The read circuitry may also be
biased during write mode to shorten transients.
The selected head is connected to a multiplexed low-noise
read amplifier. The read amplifier has low-impedance
inputs nRx and nRy (n is the number of the head) and
low-impedance outputs RDx and RDy. The signal polarity
is non-inverting from x and y inputs to x and y outputs.
Ambient magnetic fields at the MR elements result in a
relative change in MR resistance:
This change produces a current variation:
,
where IMR is the bias current in the MR element.
The current variation is amplified to form the read data
output signal voltage, which is available at RDx and RDy.
AC coupling between MR elements and amplifier stages
prevents the amplifier input stages from overloading by DC
voltages across the MR elements. A fast settling
procedure shortens DC settling transients.
An on-chip generated stable temperature reference
voltage (1.32 V), available at the Rext pin, is dropped
across an external resistor (10 k
Ω) to form a global
reference current for the write and the MR bias currents.
The MR bias current DACs are programmed through the
serial interface according to the following formula:
(in mA), where d4-d0 are bits (either logic 0 or logic 1).
At power-up all bits are set to logic 0, which results in a
default MR current of 5 mA. The adjustable range of the
MR currents is 5 mA to 20.5 mA. The MR bias currents are
equal for the two stripes of each head. The gain amplifier
is 1-bit programmable. The amplifier gain can be set to its
nominal value or to the nominal value +3 dB.
dR
MR
R
MR
--------------
dI
MR
I
MR
dR
MR
R
MR
--------------
×
=
I
MR
0.5
10k
Ω
R
ext
--------------- 10
16d4
8d3
4d2
2d1
d0
++
+
+
+
()
×
=
8.2
Write mode
To minimize power dissipation, the read circuitry may be
disabled in write mode. The write circuitry is disabled in
read, sleep and standby modes. In write mode, a
programmable current is forced through the selected
two-terminal inductive write head. The push-pull output
drivers yield near rail-to-rail voltage swings for fast current
polarity switching.
The write data input can be either voltage or current input
(see Chapter 12). In voltage mode, the differential write
data inputs WDIx(v) and WDIy(v) are PECL (Positive
Emitter Coupled Logic) compatible. The write data flip-flop
can either be used or passed-by. In the case that the write
data flip-flop is used, current polarity is toggled at the
falling edges of
Switching to write mode initializes the data flip-flop so that
the write current flows in the write head from x to y. In the
case that the write data flip-flop is not used, the signal
polarity is non-inverting from x and y inputs to
x and y outputs.
The write current magnitude is controlled through on-chip
DACs. The write current is defined as follows:
(in mA), where d4-d0 are bits (either logic 0 or logic 1).
The adjustable range of the write current is 20 mA to
51 mA. At power-up, the default values
d4 = d3 = d2 = d1 = d0 = logic 0 are initialized,
corresponding to IWR = 20 mA. IWR is the current provided
by the write drivers: the current in the write coil and in the
damping resistor together. The static current in the write
coil is
,
where Rh is the resistance of the coil including leads and
Rd is the damping resistor.
V
data
V
WDIx v
()
V
WDIy v
()
–
2
------------------------------------------------------
=
I
WR
10k
Ω
R
ext
--------------- 20
16d4
8d3
4d2
2d1
d0
++
+
+
+
()
=
I
WR
1
R
h
R
d
-------
+
-----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com