Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5155 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA5155
Description  Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5155 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA5155 Datasheet HTML 9Page - NXP Semiconductors TDA5155 Datasheet HTML 10Page - NXP Semiconductors TDA5155 Datasheet HTML 11Page - NXP Semiconductors TDA5155 Datasheet HTML 12Page - NXP Semiconductors TDA5155 Datasheet HTML 13Page - NXP Semiconductors TDA5155 Datasheet HTML 14Page - NXP Semiconductors TDA5155 Datasheet HTML 15Page - NXP Semiconductors TDA5155 Datasheet HTML 16Page - NXP Semiconductors TDA5155 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1997 Apr 08
13
Philips Semiconductors
Preliminary specification
Pre-amplifier for Hard Disk Drive (HDD)
with MR-read/inductive write heads
TDA5155
Notes
1. Unused bits in the registers (indicated by X) are don’t care. Default data, initialized at Power-up, is zero in all
registers. For VCC <2.5 V, the register contents are not guaranteed.
2. Vth programming uses both the test mode register and the compensation capacitor register. d0 in the formula above
is the LSB of the test mode register and d2 is the d2 data bit of the compensation capacitor register.
0X
X
X
0011
MR current DAC register:
mA
0X
X
X
0100
write current DAC register:
mA
0X
X
X
0101
servo write register:
(d0,d1) = (0,0): one head
(d0,d1) = (1,1): all heads
(d0,d1) = (1,0): odd numbered heads (H1, H3, H5, H7 and H9)
(d0,d1) = (0,1): even numbered heads (H0, H2, H4, H6 and H8)
0X
X
X
0110
test mode register:
(d2,d1,d0) = (0,0,0) = not in test mode
(d2,d1,d0) = (0,0,1) = read head test (IMR1 =IMR2)
(d2,d1,d0) = (0,1,0) = read head test (IMR2 = 5 mA fixed)
(d2,d1,d0) = (0,1,1) = temperature monitor
(d2,d1,d0) = (1,X,d0) = thermal asperity detection, see note 2
Vth = (210 + 560.d0 + 280.d2) µV
0X
X
X
0111
compensation capacitor register:
equivalent differential capacitance = (4.d2 + 2.d1 + 1.d0)
× 2pF
0X
X
X
1000
high frequency gain attenuator register
nominal pole frequency =
0X
X
X
1001
high frequency gain boost register
nominal zero frequency =
0X
X
X
1010
settle time register
settle time:
1X
X
X
1111
device ID register
ID = 8.d3 + 4.d2 + 2.d1 + 1.d0; d3 to d0 are preset to (0,0,1,1)
1
XXXa3
a2
a1
a0
when a7 = 1, data from the register with address a3 to a0 is read out on
SDATA
ADDRESS REGISTERS(1)
FUNCTION
A7 A6 A5 A4 A3 A2 A1 A0
I
MR
0.5
10k
Ω
R
ext
--------------- 10
16.d4
8.d3
4.d2
2.d1
d0
+
++++
()
×
=
I
WR
10k
Ω
R
ext
--------------- 20
16.d4
8.d3
4.d2
2.d1
d0
+
++++
()
=
800 MHz
8.d3
4.d2
2.d1
1.d0
+++
---------------------------------------------------------------------
800 MHz
8.d3
4.d2
2.d1
1.d0
+++
---------------------------------------------------------------------
t
st
2
µs
1
4.d2
2.d1
1.d0
1
+++
()
-------------------------------------------------------------------
µs
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com