Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5155 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA5155
Description  Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5155 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA5155 Datasheet HTML 16Page - NXP Semiconductors TDA5155 Datasheet HTML 17Page - NXP Semiconductors TDA5155 Datasheet HTML 18Page - NXP Semiconductors TDA5155 Datasheet HTML 19Page - NXP Semiconductors TDA5155 Datasheet HTML 20Page - NXP Semiconductors TDA5155 Datasheet HTML 21Page - NXP Semiconductors TDA5155 Datasheet HTML 22Page - NXP Semiconductors TDA5155 Datasheet HTML 23Page - NXP Semiconductors TDA5155 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
1997 Apr 08
21
Philips Semiconductors
Preliminary specification
Pre-amplifier for Hard Disk Drive (HDD)
with MR-read/inductive write heads
TDA5155
Notes to the characteristics
1. The differential voltage gain depends on the MR
resistance. It can be improved by programming the
d4 bit in the configuration register.
2. The gain boost implements a pole-zero combination:
The +3 dB gain boost corner frequency is
. The
−3 dB gain
attenuation corner frequency is
, where d3, d2, d1 and d0
are to be programmed via the serial interface. In
practical use, the bandwidth is limited by the
inductance of the connection between the MR heads
and the pre-amplifier.
3. Noise calculation
a) Definitions: The amplifier has a low input
resistance. No lead resistance is taken into
account. The input referred noise voltage,
excluding the noise of the MR resistors, is defined
as:
,
where Gv is the voltage gain, Vno is the noise
voltage at the output of the amplifier, k is the
Boltzmann constant and T is the temperature in K.
The noise figure is defined as follows:
in 1 Hz
bandwidth. Note that RMR includes all resistances
between Rx or Ry to ground.
b) Noise figure versus IMR and RMR: Table 1 shows
the variation of the noise figure with IMR and RMR.
c) Input referred noise voltage: The input referred
noise voltage calculation can be significantly
different (from 1.0 to 0.44 nV/
√Hz for instance) by
taking an equivalent signal-to-noise ratio into
account when using two MR stripes (28
Ω for each
stripe) or one MR stripe (42
Ω). It assumes that the
signal coming from the head is larger for a
dual-stripe head than for a single-stripe head (50%
extra signal for a dual-stripe head).
4. The channel separation is defined by the ratio of the
gain response of the amplifier using the selected head
H(n) to the gain response of the amplifier using the
adjacent head H(n
±1), head H(n) being selected.
800 MHz
8.d3
4.d2
2.d1
1.d0
+++
---------------------------------------------------------------------
800 MHz
8.d3
4.d2
2.d1
1.d0
+++
---------------------------------------------------------------------
V
irn
()
2
V
no
G
v
---------
2
4kT
R
MR1
R
MR2
+
()
×
–
=
F10
V
no
G
v
---------
2
4kT
R
MR1
R
MR2
+
()
×
------------------------------------------------------------






log
×
=
5.
The PSRR (in dB) is defined as input referred ratio:
, where Gv is the differential input
to differential output gain, and Gp is the power supply
to differential output gain.The CMRR (in dB) is defined
as input referred ratio:
, where
Gv is the differential input to differential output gain and
Gcm is the common mode input to differential output
gain. Flex and board lay-out may affect these
parameters significantly.
6. This refers to the crosstalk from SCLK and SDATA
inputs via the read inputs to RDx and RDy. Two cases
can be distinguished:
a) When SEN is LOW, SCLK and SDATA are
prohibited reaching the device and crosstalk is low.
b) Programming via the serial interface is done with
SEN HIGH. Then crosstalk can occur. A careful
design of the board or flex-foil is required to avoid
crosstalk via this path.
7. The rise and fall times depend on the
write amplifier/write head combination. Lh and Rh
represent the components on the evaluation board.
Parasitic capacitances also limit the performance.
8. The write current rise/fall time asymmetry is defined by
9. Write-to-read recovery time includes the write mode to
read mode switching using the R/W pin on the same
head (see Fig.5). The AC signal reaches its full
amplitude few tens of ns after appearing at the reader
RDx and RDy outputs.
10. In read mode, the head switching, standby to read
active switching and changing MR current include fast
current settling (see Fig.5). The AC signal reaches its
full amplitude few tenth of ns after appearing at the
reader RDx and RDy outputs.
11. Write settling time includes the read mode to write
mode switching using the R/W pin.
12. The typical supply current in read mode depends on
the bias current for the MR element.
13. The typical supply current in write mode also depends
on the write current.
PSRR
20
log
G
v
G
p
-------
×
=
CMRR
20
log
G
v
G
cm
-----------
×
=
t
r
t
f
–
2t
r
t
f
+
()
-----------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com