Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5155 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA5155
Description  Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5155 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA5155 Datasheet HTML 14Page - NXP Semiconductors TDA5155 Datasheet HTML 15Page - NXP Semiconductors TDA5155 Datasheet HTML 16Page - NXP Semiconductors TDA5155 Datasheet HTML 17Page - NXP Semiconductors TDA5155 Datasheet HTML 18Page - NXP Semiconductors TDA5155 Datasheet HTML 19Page - NXP Semiconductors TDA5155 Datasheet HTML 20Page - NXP Semiconductors TDA5155 Datasheet HTML 21Page - NXP Semiconductors TDA5155 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
1997 Apr 08
18
Philips Semiconductors
Preliminary specification
Pre-amplifier for Hard Disk Drive (HDD)
with MR-read/inductive write heads
TDA5155
13 CHARACTERISTICS
VCC = 5.0 V; VCC(WD) =8V; VGND =0V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Read characteristics
IMR
MR current adjust range
Rext =10kΩ; 0.5 mA steps
5
−
20.5
mA
∆IMR
tolerance (excluding Rext)IMR programmed at 10 mA
−±4
−
%
Gv(dif)
differential voltage gain;
note 1
from head inputs to RDx, RDy;
RMR =28 Ω; IMR =10mA;
f = 20 MHz
d4 = 0
−
160
−
d4 = 1
−
226
−
Ri(dif)
differential input resistance
IMR =10mA
−
13
−Ω
Ci(dif)
differential input
capacitance
−
16
−
pF
THD
total harmonic distortion
−
1
−
%
BL
lower signal gain pass-band
edge
−3dB
−−
100
kHz
BH
higher signal gain
pass-band edge
−3 dB; note 2
without gain boost
(4 nH lead inductance)
−
220
−
MHz
with gain boost
(50 nH lead inductance)
−
170
−
MHz
F
noise figure
RMR =28 Ω; IMR = 10 mA;
Tamb =25 °C; f = 20 MHz
−
3.0
3.2
dB
Virn
input referred noise voltage;
note 3
RMR =28 Ω; IMR = 10 mA;
Tamb =25 °C; f = 20 MHz
−
0.9
1.0
nV/
√Hz
BF(L)
lower noise band edge
(+3 dB)
RMR =28 Ω; IMR = 10 mA;
Tamb =25 °C;
no lead inductance
−−
400
kHz
BF(H)
upper noise band edge
(+3 dB)
RMR =28 Ω; IMR = 10 mA;
Tamb =25 °C;
no lead inductance
−
220
−
MHz
α
cs
channel separation; note 4
unselected head
−
50
−
dB
PSRR
power supply rejection ratio;
note 5
f < 1 MHz; IMR =10mA
−
80
−
dB
f < 100 MHz; IMR =10mA
−
50
−
dB
CMRR
common mode rejection
ratio; note 5
from nRx-nRy to RDx-RDy RMR
mismatch < 5%
IMR =10mA
f < 1 MHz
−
45
−
dB
f < 100 MHz
−
25
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com