Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3208-CI/P Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3208-CI/P
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3208-CI/P Datasheet(HTML) 3 Page - Microchip Technology

  MCP3208-CI/P Datasheet HTML 1Page - Microchip Technology MCP3208-CI/P Datasheet HTML 2Page - Microchip Technology MCP3208-CI/P Datasheet HTML 3Page - Microchip Technology MCP3208-CI/P Datasheet HTML 4Page - Microchip Technology MCP3208-CI/P Datasheet HTML 5Page - Microchip Technology MCP3208-CI/P Datasheet HTML 6Page - Microchip Technology MCP3208-CI/P Datasheet HTML 7Page - Microchip Technology MCP3208-CI/P Datasheet HTML 8Page - Microchip Technology MCP3208-CI/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
© 2007 Microchip Technology Inc.
DS21298D-page 3
MCP3204/3208
Analog Inputs
Input Voltage Range for CH0-
CH7 in Single-Ended Mode
VSS
—VREF
V
Input Voltage Range for IN+ in
pseudo-differential Mode
IN-
—
VREF+IN-
Input Voltage Range for IN- in
pseudo-differential Mode
VSS-100
—
VSS+100
mV
Leakage Current
—
0.001
±1
µA
Switch Resistance
—
1000
—
Ω
See Figure 4-1
Sample Capacitor
—
20
—
pF
See Figure 4-1
Digital Input/Output
Data Coding Format
Straight Binary
High Level Input Voltage
VIH
0.7 VDD
——
V
Low Level Input Voltage
VIL
——
0.3 VDD
V
High Level Output Voltage
VOH
4.1
—
—
V
IOH = -1 mA, VDD = 4.5V
Low Level Output Voltage
VOL
——
0.4
V
IOL = 1 mA, VDD = 4.5V
Input Leakage Current
ILI
-10
—
10
µA
VIN = VSS or VDD
Output Leakage Current
ILO
-10
—
10
µA
VOUT = VSS or VDD
Pin Capacitance
(All Inputs/Outputs)
CIN,COUT
——
10
pF
VDD = 5.0V (Note 1)
TAMB = 25°C, f = 1 MHz
Timing Parameters
Clock Frequency
fCLK
—
—
—
—
2.0
1.0
MHz
MHz
VDD = 5V (Note 3)
VDD = 2.7V (Note 3)
Clock High Time
tHI
250
—
—
ns
Clock Low Time
tLO
250
—
—
ns
CS Fall To First Rising CLK
Edge
tSUCS
100
—
—
ns
Data Input Setup Time
tSU
——
50
ns
Data Input Hold Time
tHD
——
50
ns
CLK Fall To Output Data Valid
tDO
—
—
200
ns
See Figures 1-2 and 1-3
CLK Fall To Output Enable
tEN
—
—
200
ns
See Figures 1-2 and 1-3
CS Rise To Output Disable
tDIS
—
—
100
ns
See Figures 1-2 and 1-3
CS Disable Time
tCSH
500
—
—
ns
D
OUT Rise Time
tR
—
—
100
ns
See Figures 1-2 and 1-3 (Note 1)
D
OUT Fall Time
tF
—
—
100
ns
See Figures 1-2 and 1-3 (Note 1)
Power Requirements
Operating Voltage
VDD
2.7
—
5.5
V
Operating Current
IDD
—
—
320
225
400
—
µA
VDD=VREF = 5V, DOUT unloaded
VDD=VREF = 2.7V, DOUT unloaded
Standby Current
IDDS
—0.5
2.0
µA
CS = VDD = 5.0V
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5V, VSS = 0V, VREF = 5V,
TAMB = -40°C to +85°C,fSAMPLE = 100 ksps and fCLK = 20*fSAMPLE
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: This parameter is established by characterization and not 100% tested.
2: See graphs that relate linearity performance to VREF levels.
3: Because the sample cap will eventually lose charge, effective clock rates below 10 kHz can affect linearity
performance, particularly at elevated temperatures. See Section 6.2, “Maintaining Minimum Clock Speed”,
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com