Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3208-CI/P Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP3208-CI/P
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3208-CI/P Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP3208-CI/P Datasheet HTML 12Page - Microchip Technology MCP3208-CI/P Datasheet HTML 13Page - Microchip Technology MCP3208-CI/P Datasheet HTML 14Page - Microchip Technology MCP3208-CI/P Datasheet HTML 15Page - Microchip Technology MCP3208-CI/P Datasheet HTML 16Page - Microchip Technology MCP3208-CI/P Datasheet HTML 17Page - Microchip Technology MCP3208-CI/P Datasheet HTML 18Page - Microchip Technology MCP3208-CI/P Datasheet HTML 19Page - Microchip Technology MCP3208-CI/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
MCP3204/3208
DS21298D-page 16
© 2007 Microchip Technology Inc.
FIGURE 5-1:
Communication with the MCP3204 or MCP3208.
FIGURE 5-2:
Communication with MCP3204 or MCP3208 in LSB First Format.
CS
CLK
DIN
DOUT
D1
D2
D0
HI-Z
Don’t Care
Null
Bit B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0*
HI-Z
tSAMPLE
tCONV
SGL/
DIFF
Start
tCYC
tCSH
tCYC
D2
SGL/
DIFF
Start
* After completing the data transfer, if further clocks are applied with CS low, the A/D converter will output LSB
first data, followed by zeros indefinitely (see Figure 5-2 below).
** t
DATA: during this time, the bias current and the comparator power down while the reference input becomes
a high impedance node, leaving the CLK running to clock out the LSB-first data or zeros.
tDATA **
tSUCS
Null
Bit
B11B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11
CS
CLK
DOUT
HI-Z
HI-Z
(MSB)
tCONV
tDATA **
Power Down
tSAMPLE
Start
SGL/
DIFF
DIN
tCYC
tCSH
D0
D1
D2
* After completing the data transfer, if further clocks are applied with CS low, the A/D converter will output zeros
indefinitely.
** t
DATA: During this time, the bias circuit and the comparator power down while the reference input becomes a
high impedance node, leaving the CLK running to clock out LSB first data or zeroes.
tSUCS
Don’t Care
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com