Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3208-CI/P Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP3208-CI/P
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3208-CI/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP3208-CI/P Datasheet HTML 10Page - Microchip Technology MCP3208-CI/P Datasheet HTML 11Page - Microchip Technology MCP3208-CI/P Datasheet HTML 12Page - Microchip Technology MCP3208-CI/P Datasheet HTML 13Page - Microchip Technology MCP3208-CI/P Datasheet HTML 14Page - Microchip Technology MCP3208-CI/P Datasheet HTML 15Page - Microchip Technology MCP3208-CI/P Datasheet HTML 16Page - Microchip Technology MCP3208-CI/P Datasheet HTML 17Page - Microchip Technology MCP3208-CI/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
MCP3204/3208
DS21298D-page 14
© 2007 Microchip Technology Inc.
This diagram illustrates that the source impedance (RS)
adds to the internal sampling switch (RSS) impedance,
directly effecting the time that is required to charge the
capacitor (Csample). Consequently, larger source
impedances increase the offset, gain and integral
linearity errors of the conversion (see Figure 4-2).
4.2
Reference Input
For each device in the family, the reference input
(VREF) determines the analog input voltage range. As
the reference input is reduced, the LSB size is reduced
accordingly. The theoretical digital output code pro-
duced by the A/D converter is a function of the analog
input signal and the reference input, as shown below.
EQUATION
When using an external voltage reference device, the
system designer should always refer to the manufac-
turer’s recommendations for circuit layout. Any instabil-
ity in the operation of the reference device will have a
direct effect on the operation of the A/D converter.
FIGURE 4-1:
Analog Input Model.
FIGURE 4-2:
Maximum Clock Frequency
vs. Input resistance (RS) to maintain less than a
0.1 LSB deviation in INL from nominal
conditions.
Digital Output Code
4096
V
IN
×
V
REF
---------------------------
=
VIN = analog input voltage
VREF = reference voltage
C
PIN
VA
R
SS
CHx
7pF
V
T = 0.6V
V
T = 0.6V
I
LEAKAGE
Sampling
Switch
SS
R
S = 1 kΩ
C
SAMPLE
= DAC capacitance
V
SS
V
DD
= 20 pF
±1 nA
Legend
VA
=
Signal Source
Ileakage
=
Leakage Current At The Pin
Due To Various Junctions
Rss
=
Source Impedance
SS
=
Sampling switch
CHx
=
Input Channel Pad
Rs
=
Sampling switch resistor
Cpin
=
Input Pin Capacitance
Csample
=
Sample/hold capacitance
Vt
=
Threshold Voltage
0.0
0.5
1.0
1.5
2.0
2.5
100
1000
10000
Input Resistance (Ohms)
VDD = 5 V
VDD = 2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com