Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3208-CI/P Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP3208-CI/P
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3208-CI/P Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP3208-CI/P Datasheet HTML 14Page - Microchip Technology MCP3208-CI/P Datasheet HTML 15Page - Microchip Technology MCP3208-CI/P Datasheet HTML 16Page - Microchip Technology MCP3208-CI/P Datasheet HTML 17Page - Microchip Technology MCP3208-CI/P Datasheet HTML 18Page - Microchip Technology MCP3208-CI/P Datasheet HTML 19Page - Microchip Technology MCP3208-CI/P Datasheet HTML 20Page - Microchip Technology MCP3208-CI/P Datasheet HTML 21Page - Microchip Technology MCP3208-CI/P Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MCP3204/3208
DS21298D-page 18
© 2007 Microchip Technology Inc.
FIGURE 6-1:
SPI Communication using 8-bit segments (Mode 0,0: SCLK idles low).
FIGURE 6-2:
SPI Communication using 8-bit segments (Mode 1,1: SCLK idles high).
1
2
3
4
5
6
7
8
9
10
11
12
13 14
15
16
CS
SCLK
DIN
X = “Don’t Care” Bits
17
18
19
20
21
22
23
24
DOUT
NULL
BIT B11 B10 B9 B8
B7
B6 B5 B4 B3
B2
B1 B0
HI-Z
MCU latches data from A/D
Data is clocked out of A/D
converter on falling edges
converter on rising edges of SCLK
DO
Don’t Care
SGL/
DIFF
D1
D2
Start
00
0
0
0
1
XX
X
X
X
DO
XXX
X
X
XX
X
B7
B6
B5
B4
B3
B2
B1
B0
B11 B10 B9
B8
0
???
?????
??
?
D1
D2
SGL/
DIFF
Start
Bit
(Null)
MCU Transmitted Data
(Aligned with falling
edge of clock)
MCU Received Data
(Aligned with rising
edge of clock)
X
Data stored into MCU receive
register after transmission of first
8 bits
Data stored into MCU receive
register
after
transmission
of
second 8 bits
Data stored into MCU receive
register after transmission of last
8 bits
Don’t Care
00
0
0
0
1
XX
X
X
X
DO
XXX
X
X
XX
X
B7 B6 B5
B4 B3 B2 B1 B0
B11 B10 B9 B8
0
???
?????
??
?
D1
D2
SGL/
DIFF
(Null)
X
23
B1
X
1
2
3
4
5
6
7
8
9
10
111213
14
15
16
CS
SCLK
DIN
X = “Don’t Care” Bits
17
18
19
20
21
22
23
24
DOUT
DO
Don’t Care
NULL
BIT B11 B10 B9
B8
B6 B5 B4 B3
B2 B1 B0
HI-Z
000
001
XXXX
X
DO
SGL/
DIFF
XXX
XXXXX
B7 B6 B5 B4 B3 B2 B1 B0
B11 B10 B9 B8
0
?????
???
???
MCU latches data from A/D converter
on rising edges of SCLK
Data is clocked out of A/D
converter on falling edges
D1
D2
SGL/
DIFF
Start
Bit
(Null)
D1
D2
Start
MCU Transmitted Data
(Aligned with falling
edge of clock)
MCU Received Data
(Aligned with rising
edge of clock)
B7
X
Data stored into MCU receive
register after transmission of first
8 bits
Data stored into MCU receive
register after transmission of
second 8 bits
Data stored into MCU receive
register after transmission of last
8 bits
DO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com