Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940KC/W Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 18Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 19Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 20Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 21Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 22Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 23Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 24Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 25Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 144 page
background image
22
Am79C940
DXCVR Configuration—SLEEP Operation
Note:
1. RWAKE and ASEL are located in the PHY Configuration Control register (REG ADDR 15). PORTSEL [1–0] and ENPLSIO
are located in the PLS Configuration Control register (REG ADDR 14). All bits must be programmed prior to the assertion of
the SLEEP pin.
DXCVR Configuration—Normal Operation
Note:
1. RWAKE and ASEL are located in the PHY Configuration Control register (REG ADDR 15). PORTSEL [1–0] and ENPLSIO
are located in the PLS Configuration Control register (REG ADDR 14).
Sleep
Pin
RWAKE
Bit
AWAKE
Bit
ASEL
Bit
LNKST
Pin
PORTSEL
[1–0] Bits
Interface
Description
Pin
Function
00
0
X
High
Impedance
XX
Sleep
Mode
High
Impedance
01
0
0
High
Impedance
00
AUI with EADI port
LOW
01
0
0
High
Impedance
01
10BASE-T with EADI port
HIGH
01
0
0
High
Impedance
10
Invalid
HIGH
01
0
0
High
Impedance
11
Invalid
LOW
01
0
1
High
Impedance
0X
AUI with EADI port
LOW
01
0
1
High
Impedance
0X
10BASE-T with EADI port
HIGH
0
1
1
1
HIGH
0X
AUI with EADI port
LOW
0
1
1
1
LOW
0X
10BASE-T with EADI port
HIGH
0
0
1
X
X
0X
10BASE-T
HIGH
SLEEP
Pin
ASEL
Bit
LNKST
Pin
PORTSEL
[1-0] Bits
ENPLSIO
BIT
Interface
Description
Pin
Function
1
X
X
XX
X
SIA Test Mode
High
Impedance
10
X
00
X
AUI
LOW
1
0
X
01
X
10BASE-T
HIGH
1
0
X
10
X
DAI port
HIGH
1
0
X
11
X
GPSI
LOW
1
1
HIGH
0X
X
AUI
LOW
1
1
LOW
0X
X
10BASE-T
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com