Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940KC/W Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 59Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 60Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 61Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 62Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 63Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 64Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 65Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 66Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 144 page
background image
Am79C940
63
RCVCC (REG ADDR 27) is free
running.
RCVCCO is READ/CLEAR only.
It is set by the MACE device and
reset when read. Writing has no
effect. It is also cleared by
asserting the RESET pin or
SWRST bit.
Bit 3
RNTPCO
Runt Packet Count Overflow.
Indicates that the Runt Packet
Count register rolled over at a
value of 255 runt packets. Runt
packets are defined as received
frames which passed the inter-
nal address match criteria but
did not contain a minimum of
64-bytes of data after SFD. The
INTR pin will be activated if
the corresponding
mask
bit
RNTPCOM = 0. Note that the
RNTPC value returned in the
Receive Frame Status (RFS2)
will freeze at a value of 255,
whereas
this
register
based
version of RNTPC (REG ADDR
26) is free running.
RNTPCO is READ/CLEAR only.
It is set by the MACE device and
reset when read. Writing has no
effect. It is also cleared by
asserting the RESET pin or
SWRST bit.
Bit 2
MPCO
Missed Packet Count Overflow.
Indicates that the Missed Packet
Count register rolled over at a
value of 255 missed frames.
Missed frames are defined as
received frames which passed
the
internal
address
match
criteria but were missed due to a
Receive
FIFO
overflow,
the
receiver being disabled (ENRCV
= 0) or an excessive receive
frame count (RCVFC > 15). The
INTR pin will be activated if the
corresponding mask bit MPCOM
= 0.
MPCO is READ/CLEAR only. It
is set by the MACE device and
reset when read. Writing has no
effect. It is also cleared by
asserting the RESET pin or
SWRST bit.
Bit 1
RCVINT
Receive Interrupt. Indicates that
the host read the last byte/word
of a packet from the Receive
FIFO. The Receive Frame Sta-
tus is available immediately on
the next host read operation.
The INTR pin will be activated if
the
corresponding
mask
bit
RCVINTM = 0.
RCVINT is READ/CLEAR only.
It is set by the MACE device and
reset when read. Writing has no
effect. It is also cleared by acti-
vation of the RESET pin or
SWRST bit.
Bit 0
XMTINT
Transmit Interrupt. Indicates that
the MACE device has completed
the transmission of a packet and
updated the Transmit Frame
Status. The INTR pin will be
activated if the corresponding
mask bit XMTINTM = 0.
XMTINT is READ/CLEAR only.
It is set by the MACE device and
reset when read. Writing has no
effect. It is also cleared by acti-
vation of the RESET pin or
SWRST bit.
Interrupt Mask Register (IMR)
(REG ADDR 9)
This register contains the mask bits for the interrupts.
Read/write operations are permitted. Writing a one into
a bit will mask the corresponding interrupt. Writing a
zero to any previously set bit will unmask the corre-
sponding interrupt. Bit assignments for the register are
as follows:
Bit
Name
Description
Bit 7
JABM
Jabber Error Mask. JABM is the
mask for JAB. The INTR pin will
not be asserted by the MACE
device regardless of the state of
the JAB bit, if JABM is set. It is
cleared by activation of the
RESET pin or SWRST bit.
Bit 6
BABLM
Babble Error Mask. BABLM is
the mask for BABL. The INTR
pin will not be asserted by the
MACE device regardless of the
state of the BABL bit, if BABLM
is set. It is cleared by activation
of the RESET pin or SWRST bit.
Bit 5
CERRM
Collision Error Mask. CERRM is
the mask for CERR. The INTR
pin will not be asserted by the
MACE device regardless of the
state of the CERR bit, if CERRM
is set. It is cleared by activation
of the RESET pin or SWRST bit.
Bit 4
RCVCCOM Receive Collision Count Over-
flow Mask. RCVCCOM is the
mask
for
RCVCCO(Receive
Collision Count Overflow). The
INTR pin will not be asserted by
RES
BABLM
CERRM
RCVCCOM
RNTPCOM
MPCOM
RCVINTM
XMTINTM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com