Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940KC/W Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 49Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 50Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 51Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 52Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 53Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 54Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 55Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 56Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 144 page
background image
Am79C940
53
the host memory, the host is responsible for ensuring
that the tail end of the frame does not get written into
the FIFO and does not get transmitted as a whole
frame. It is recommended that the host clear the tail
end of the frame from the host memory before request-
ing the XMT FS re ad so th at after the XMTFS
read,when the MACE device re-asserts TDTREQ, the
tail end of the frame does not get written into the FIFO.
The Transmit Frame Status read will indicate that the
LCOL error occurred. The read operation on the Trans-
mit Frame Status will update the FIFO read and write
pointers. If no End-of-Frame write (EOF pin assertion)
had occurred during the FIFO write sequence, the en-
tire transmit path will be reset (which will update the
Transmit FIFO watermark with the current XMTFW
value in the FIFO Configuration Control register). If a
whole frame resides in the FIFO, the read pointer will
be moved to the start of the next frame or free location
in the FIFO, and the write pointer will be unaffected.
TDTREQ will not be re-asserted until the Transmit
Frame Status has been read.
After an LCOL error, all further packet transmission will
be suspended until the Transmit Frame Status is read,
regardless of whether additional packet data exists in
the FIFO to be transmitted. Receive FIFO operations
are unaffected.
Packets experiencing a late collision will not be re-tried.
Recovery from this condition must be performed by
upper layer software.
(c) During the inter packet gap time following the com-
pletion of a transmitted message, the AUI CI
± pair is
asserted by some transceivers as a self-test. When the
AUI port has been selected, the integral Manchester
Encoder/Decoder will expect the SQE Test Message
(nominal 10 MHz sequence) to be returned via the CI
±
pair, within a 40 network bit time period after DI
± goes
inactive. If the CI
± input is not asserted within the 40
network bit time period following the completion of
transmission, then the MACE device will set the CERR
bit (bit 5) in the Interrupt Register. The INTR pin will be
activated if the corresponding mask bit CERRM = 0.
When the GPSI port is selected, the MACE device will
expect the CLSN input pin to be asserted 40 bit times
after the transmission has completed (after TXEN out-
put pin has gone inactive). When the DAI port has
been selected, the CERR bit will not be reported. A
transceiver connected via the DAI port is not expected
to support the SQE Test Message feature.
Host related transmit exception conditions include:
(a) Overflow caused by excessive writes to the
Transmit FIFO (DTV will not be issued if the Trans-
mit FIFO is full).
(b) Underflow caused by lack of host writes to the
Transmit FIFO.
(c) Not reading current Transmit Frame Status.
(a) The host may continue to write to the Transmit FIFO
after the TDTREQ has been de-asserted, and can
safely do so on the basis of knowledge of the number
of free bytes remaining (set by XMTFW in the FIFO
Configuration Control register). If however the host
system continues to write data to the point that no ad-
ditional FIFO space exists, the MACE device will not
return the DTV signal and hence will effectively not
acknowledge acceptance of the data. It is the host’s
responsibility to ensure that the data is re-presented at
a future time when space exists in the Transmit FIFO,
and to track the actual data written into the FIFO.
(b) If the host fails to respond to the TDTREQ from the
MACE device before the Transmit FIFO is emptied, a
FIFO underrun will occur. The MACE device will in this
case terminate the network transmission in an orderly
sequence. If less than 512 bits have been transmitted
onto the network the transmission will be terminated
immediately, generating a runt packet. If greater than
512 bits have been transmitted, the message will have
the current CRC inverted and appended at the next
byte boundary, to guarantee an FCS error is detected
at the receiving station. The MACE device will report
this condition to the host by de-asserting the TDTREQ
pin, setting the UFLO and XMTSV bits (in the Transmit
Frame Status) and the XMTINT bit (in the Interrupt
Register), and asserting the INTR pin providing the cor-
responding XMTINTM bit (in the Interrupt Mask
Regis ter) is cleared.
Once the XMTINT condition has been externally recog-
nized, the Transmit Frame Counter (XMTFC) can be
read to determine whether the tail end of the frame that
suffers the UFLO error is still in the host memory (i.e.,
when XMTFC = 0). In the case of FIFO underrun, this
will definitely be the case and the host is responsible for
ensuring that the tail end of the frame does not get writ-
ten into the FIFO and does not get transmitted as a
whole frame. It is recommended that the host clear the
tail end of the frame from the host memory before
requesting the XMTFS read so that after the XMTFS
read, when the MACE device re-asserts TDTREQ, the
tail end of the frame does not get written into the FIFO.
The Transmit Frame Status read will indicate that the
UFLO error occurred. The read operation on the Trans-
mit Frame Status will update the FIFO read and write
pointers and the entire transmit path will be reset
(which will update the Transmit FIFO watermark with
the current XMTFW value in the FIFO Configuration
Control register). TDTREQ will not be re-asserted until
the Transmit Frame Status has been read.
(c) The MACE device will internally store the Transmit
Frame Status for up to two packets. If the host fails to
read the Transmit Frame Status and both internal
entries become occupied, the MACE device will not
commence any subsequent transmit frames to prevent
overwriting of the internally stored values. This will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com