Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940VC/W Datasheet(PDF) 106 Page - Advanced Micro Devices

Part # AM79C940VC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VC/W Datasheet(HTML) 106 Page - Advanced Micro Devices

Back Button AM79C940VC/W Datasheet HTML 102Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 103Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 104Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 105Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 106Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 107Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 108Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 109Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 110Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 144 page
background image
106
0 V
100 mV Max
40 mV
DO±
57
80 Bit Times Max
AUI Transmit Timing—End Transmit Delimiter (ETD)
16235D-34
DI±
RXCRS
IVCO
SRDCLK
SRD
IVCO_ENABLE
(Note 1)
BCC
BCB
BCC
BCB
BCC
BCC
BCB
BCC
BCB
5 Bit Times Max
(Note 2)
(Note 3)
10
1
0
1
0
Bit Cell 5
Bit Cell 4
Bit Cell 3
Bit Cell 2
Bit Cell 1
VASQ
59
60
16235D-35
Notes
:
1. Minimum pulse width>45 ns with amplitude >–160 mV.
2. SRD first decoded bit might not be defined until bit time 5.
3. First valid data bit.
4. IVCO and VCO ENABLE are internal signals shown for clarification only.
AUI Receive Timing–Start of Packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com