Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9D5F Datasheet(PDF) 56 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 56 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 52Page - STMicroelectronics VNF9D5F Datasheet HTML 53Page - STMicroelectronics VNF9D5F Datasheet HTML 54Page - STMicroelectronics VNF9D5F Datasheet HTML 55Page - STMicroelectronics VNF9D5F Datasheet HTML 56Page - STMicroelectronics VNF9D5F Datasheet HTML 57Page - STMicroelectronics VNF9D5F Datasheet HTML 58Page - STMicroelectronics VNF9D5F Datasheet HTML 59Page - STMicroelectronics VNF9D5F Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 106 page
background image
Registers configuration
•
SPCR10 = 2h and SOCRx = 1: Asynchronous with continuous sampling
Asynchronous mode, the ADC result register is continuously refreshed, provided that the channel is
commanded either through the direct input signal or the SOCR register. Conversion is executed during the
complete conversion window except the priority arbitration. Since the ADC register is continuously
refreshed, its conversion priority is always lower than sampled channels.
•
SPCR10 = 3h and SOCRx = 1: Asynchronous with continuous sampling and digital LP filter
–
The integrated LP filter is activated
–
This component will filter data coming from the ADC conversion reducing the effect of random noise
coming from the analog Current Sense amplifier
•
SPCR10 = 3h, SOCRx = x and DIx = High: If a channel is commanded off through SOCR, but commanded
on through the Direct Input, the asynchronous sampling mode is forced
The thermal case sampling has always low priority for the ADC conversion, and so it can be interrupted by
any channel in sample mode. Thermal case conversion is always in Asynchronous continuous mode. In
Fail Safe condition the ADC conversion is always in Asynchronous/Continuous Mode.
–
Conversion is executed during the complete conversion window.
–
No Priority Management is applied, channels are converted according to their position in the stack.
No interruption and no priority management are possible. In case of multiple channels active at the
same time, the conversion will start with the first one in the stack.
Figure 26. Asynchronous with continuous sampling
PWM period
Sampling
point
Duty cycle
Phase shift
PWM
(with Synch mode/Falling)
Steady ON PWM 100%
(Synch mode/Falling)
PWM
(with Asynch mode)
Defined by Sampling point:
Rising/Mid/Falling + Asynch
Automatic triggering to end of PWM period
Sampling concept
•
PWM mode (internal engine) → All the synchronous modes are available(start, stop, continuous or filtered).
•
DC mode (internal engine) → ADC works in Continuous Mode. The conversion window follows the channel
control input signal.
–
DC mode by/without DI: No difference, since this condition is equivalent to PWM with 100% of duty
(the sampling will be always in continuous mode).
•
PWM mode by DI (external source) → the DIx information is combined (O-red) with the channel control
signal. Sampling will be executed according to the PWM mode settings.
–
With SPCRx = 2h, 3h, sampling is possible (continuous/filtered mode).
VNF9D5F
Diagnostic
DS13946 - Rev 6
page 56/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com