Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9D5F Datasheet(PDF) 69 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 69 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 65Page - STMicroelectronics VNF9D5F Datasheet HTML 66Page - STMicroelectronics VNF9D5F Datasheet HTML 67Page - STMicroelectronics VNF9D5F Datasheet HTML 68Page - STMicroelectronics VNF9D5F Datasheet HTML 69Page - STMicroelectronics VNF9D5F Datasheet HTML 70Page - STMicroelectronics VNF9D5F Datasheet HTML 71Page - STMicroelectronics VNF9D5F Datasheet HTML 72Page - STMicroelectronics VNF9D5F Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 106 page
background image
9.2
I²t curve BIST
At each power on reset, the digital part executes the I²t curve BIST. During the execution of that sequence, the
fuse current sense is disabled and a multiplexer will pass low reference voltage (0 V) for combination <0, 0>,
medium reference voltage (300 mV) for combination <0, 1> and high reference voltage (3 V) for combination <1,
0>.
Table 46. I²t built in self-test
I²t_bist <1>
I²t_bist <0>
VBIST
0
0
0 V
0
1
300 mV
1
0
3 V
1
1
High-Z
For each setting, after a 10 μs delay time, the digital part will acquire the converted value and will compare it with
the expected one. If the converted value is the expected one, the corresponding bit in the ITSTSR register
(address 0x36h) will be set high, otherwise it is set low.
Configuration <1, 1> (default one) will end the BIST procedure by setting the multiplexer in high-Z, enabling the
fuse current sense and the programmed fuse parameters.
This combination is kept until the next power on reset.
All channels are disabled till the completion of the procedure. They will be allowed to turn ON after I²t BIST
execution time (~60 µs), after standby transition.
VNF9D5F
Safety-related functions
DS13946 - Rev 6
page 69/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com