Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8569Q Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8569Q
Description  4 x 25 W BTL quad car radio power amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8569Q Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8569Q Datasheet HTML 4Page - NXP Semiconductors TDA8569Q Datasheet HTML 5Page - NXP Semiconductors TDA8569Q Datasheet HTML 6Page - NXP Semiconductors TDA8569Q Datasheet HTML 7Page - NXP Semiconductors TDA8569Q Datasheet HTML 8Page - NXP Semiconductors TDA8569Q Datasheet HTML 9Page - NXP Semiconductors TDA8569Q Datasheet HTML 10Page - NXP Semiconductors TDA8569Q Datasheet HTML 11Page - NXP Semiconductors TDA8569Q Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1997 Mar 27
8
Philips Semiconductors
Preliminary specification
4
× 25 W BTL quad car radio power
amplifier
TDA8569Q
DC CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; measured in Fig.7; unless otherwise specified.
Notes
1. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V.
2. At 18 V < VP < 30 V the DC output voltage ≤ 1⁄2VP.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
6
14.4
18
V
Iq(tot)
total quiescent current
RL = ∞−
230
360
mA
Operating condition
V15
mode select switch level
8.5
−
VP
V
I15
mode select switch current
V15 = 14.4 V
−
30
80
µA
VO
output voltage
note 2
−
7.0
−
V
∆VO
output offset voltage
−−
150
mV
Mute condition
V15
mode select switch level
3.3
−
6.4
V
VO
output voltage
note 2
−
7.0
−
V
∆VO
output offset voltage
−−
150
mV
Standby condition
V15
mode select switch level
0
−
2V
Istb
standby current
−
0.2
100
µA
Diagnostic
V9
diagnostic output voltage
during any fault condition
−−
0.6
V
Tvj
temperature pre-warning
V9 = 0.6 V
−
145
−°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com