Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8569Q Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8569Q
Description  4 x 25 W BTL quad car radio power amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8569Q Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8569Q Datasheet HTML 1Page - NXP Semiconductors TDA8569Q Datasheet HTML 2Page - NXP Semiconductors TDA8569Q Datasheet HTML 3Page - NXP Semiconductors TDA8569Q Datasheet HTML 4Page - NXP Semiconductors TDA8569Q Datasheet HTML 5Page - NXP Semiconductors TDA8569Q Datasheet HTML 6Page - NXP Semiconductors TDA8569Q Datasheet HTML 7Page - NXP Semiconductors TDA8569Q Datasheet HTML 8Page - NXP Semiconductors TDA8569Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1997 Mar 27
2
Philips Semiconductors
Preliminary specification
4
× 25 W BTL quad car radio power
amplifier
TDA8569Q
FEATURES
• Capable of driving 2 Ω loads
• Requires very few external components
• High output power
• Low output offset voltage
• Fixed gain
• Diagnostic facility (distortion, short-circuit and
temperature pre-warning)
• Good ripple rejection
• Mode select switch (operating, mute and standby)
• Load dump protection
• Short-circuit safe to ground and to VP and across the
load
• Low power dissipation in any short-circuit condition
• Thermally protected
• Reverse polarity safe
• Electrostatic discharge protection
• No switch-on/switch-off plop
• Flexible leads
• Low thermal resistance
• Pin compatible with the TDA8567Q.
GENERAL DESCRIPTION
The TDA8569Q is an integrated class-B output amplifier in
a 23-lead Single-In-Line (SIL) plastic power package.
It contains four amplifiers in BTL configuration, each with a
gain of 26 dB. The output power is 4
× 25 W in a 4 Ω load.
APPLICATIONS
• The device is primarily developed for car radio
applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
operating supply voltage
6
14.4
18
V
IORM
repetitive peak output current
−−
7.5
A
Iq(tot)
total quiescent current
−
230
−
mA
Istb
standby current
−
0.2
100
µA
Isw
switch-on current
−−
80
µA
Zi
input impedance
25
30
−
k
Ω
Po
output power
THD = 10%
−
25
−
W
SVRR
supply voltage ripple rejection
Rs =0 Ω−
60
−
dB
αcs
channel separation
Rs =10kΩ−
50
−
dB
Gv
closed loop voltage gain
25
26
27
dB
Vn(o)
noise output voltage
Rs =0 Ω−
−
120
µV
∆V
O
DC output offset voltage
−−
150
mV
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8569Q
DBS23P
plastic DIL-bent-SIL power package; 23 leads (straight lead length 3.2 mm)
SOT411-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com