Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4922-E/P Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP4922-E/P
Description  12-Bit DAC with SPI??Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4922-E/P Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP4922-E/P Datasheet HTML 18Page - Microchip Technology MCP4922-E/P Datasheet HTML 19Page - Microchip Technology MCP4922-E/P Datasheet HTML 20Page - Microchip Technology MCP4922-E/P Datasheet HTML 21Page - Microchip Technology MCP4922-E/P Datasheet HTML 22Page - Microchip Technology MCP4922-E/P Datasheet HTML 23Page - Microchip Technology MCP4922-E/P Datasheet HTML 24Page - Microchip Technology MCP4922-E/P Datasheet HTML 25Page - Microchip Technology MCP4922-E/P Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
MCP4921/4922
DS21897B-page 22
© 2007 Microchip Technology Inc.
6.4.1.2
Building a “Window” DAC
When calibrating a set point or threshold of a sensor,
rarely does the sensor utilize the entire output range of
the DAC. If the LSB size is adequate to meet the appli-
cation’s accuracy needs, then the resolution is sacri-
ficed without consequences. If greater accuracy is
needed, then the output range will need to be reduced
to increase the resolution around the desired threshold.
If the threshold is not near VREF or AVSS, then creating
a “window” around the threshold has several advan-
tages. One simple method to create this “window” is to
use a voltage divider network with a pull-up and pull-
down
resistor.
Example 6-2
and
Example 6-4
illustrates this concept.
The MCP492X’s low, ±0.75 (max.) DNL performance
is critical to meet calibration accuracy in production.
EXAMPLE 6-2:
Single-Supply “Window” DAC.
VREF
MCP492X
VDD
SPI™
3
Vtrip
R1
R2
0.1 µF
Comparator
R3
VCC-
G = Gain select (1x or 2x)
D = Digital value of DAC (0 – 4096)
VCC+
VCC+
VCC-
VOUT
V
OUT
V
REFG
D
2
12
-------
=
R
23
R
2R3
R
2
R
3
+
------------------
=
V
23
V
CC+R2
()
V
CC-R3
()
+
R
2
R
3
+
------------------------------------------------------
=
V
tr ip
V
OUTR23
V
23R1
+
R
2
R
23
+
--------------------------------------------
=
R1
R23
V23
VOUT
VO
Thevenin
Equivalent
Rsense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com