Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4922-E/P Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP4922-E/P
Description  12-Bit DAC with SPI??Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4922-E/P Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP4922-E/P Datasheet HTML 4Page - Microchip Technology MCP4922-E/P Datasheet HTML 5Page - Microchip Technology MCP4922-E/P Datasheet HTML 6Page - Microchip Technology MCP4922-E/P Datasheet HTML 7Page - Microchip Technology MCP4922-E/P Datasheet HTML 8Page - Microchip Technology MCP4922-E/P Datasheet HTML 9Page - Microchip Technology MCP4922-E/P Datasheet HTML 10Page - Microchip Technology MCP4922-E/P Datasheet HTML 11Page - Microchip Technology MCP4922-E/P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
MCP4921/4922
DS21897B-page 8
© 2007 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V , AVSS = 0V, VREF = 2.048V, Gain = 2, RL = 5 kΩ, CL = 100 pF.
FIGURE 2-1:
DNL vs. Code.
FIGURE 2-2:
DNL vs. Code and Ambient
Temperature.
FIGURE 2-3:
DNL vs. Code and VREF.
Gain=1.
FIGURE 2-4:
Absolute DNL vs. Ambient
Temperature.
FIGURE 2-5:
Absolute DNL vs. Voltage
Reference.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0
1024
2048
3072
4096
Code (Decimal)
-0.2
-0.1
0
0.1
0.2
0
1024
2048
3072
4096
Code (Decimal)
125C
85C
25C
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
1024
2048
3072
4096
Code (Decimal)
1
2
3
4
5.5
0.075
0.0752
0.0754
0.0756
0.0758
0.076
0.0762
0.0764
0.0766
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (ºC)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
12345
Voltage Reference (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com