Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4922-E/P Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP4922-E/P
Description  12-Bit DAC with SPI??Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4922-E/P Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP4922-E/P Datasheet HTML 6Page - Microchip Technology MCP4922-E/P Datasheet HTML 7Page - Microchip Technology MCP4922-E/P Datasheet HTML 8Page - Microchip Technology MCP4922-E/P Datasheet HTML 9Page - Microchip Technology MCP4922-E/P Datasheet HTML 10Page - Microchip Technology MCP4922-E/P Datasheet HTML 11Page - Microchip Technology MCP4922-E/P Datasheet HTML 12Page - Microchip Technology MCP4922-E/P Datasheet HTML 13Page - Microchip Technology MCP4922-E/P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
MCP4921/4922
DS21897B-page 10
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, AVSS = 0V, VREF = 2.048V, Gain = 2.
FIGURE 2-11:
MCP4921 IDD vs. Ambient
Temperature and VDD.
FIGURE 2-12:
MCP4921 IDD Histogram
(VDD = 2.7V).
FIGURE 2-13:
MCP4921 IDD Histogram
(VDD = 5.0V).
FIGURE 2-14:
MCP4922 IDD vs. Ambient
Temperature and VDD.
FIGURE 2-15:
MCP4922 IDD Histogram
(VDD = 2.7V).
FIGURE 2-16:
MCP4922 IDD Histogram
(VDD = 5.0V).
110
130
150
170
190
210
-40
-20
0
20406080
100 120
Ambient Temperature (°C)
VDD
5.5V
4.0V
5.0V
3.0V
2.7V
0
2
4
6
8
10
12
14
16
18
IDD (μA)
0
1
2
3
4
5
6
7
8
9
151 156 161 166 171 176 181 186 191 196 201
IDD (μA)
200
250
300
350
400
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (ºC)
VDD
5.5V
4.0V
5.0V
3.0V
2.7V
0
2
4
6
8
10
12
14
16
18
20
IDD (μA)
0
2
4
6
8
10
12
14
16
IDD (μA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com